Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM123NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM123NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM123NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM123NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM123NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM123NSA
N- Enhancement Mode Field Effect Transistor
3 /
6
Ratings And Characteristic Curves
0.0
0.2
1.0
1.2
1.4
10
100
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
50
100
150
200
250
300
350
2
3
4
5
6
01
78
9
10
0
5
10
15
20
25
30
0.0
0.5
3.5
4.0
0
50
100
150
200
250
300
350
400
450
25
125
1.0
1.2
1.4
1.6
1.8
2.0
Pulsed
Pulsed
T
a=100
℃
V
SD
I
S
——
T
a=25
℃
0.4
0.6
0.8
SOURCE TO DRAIN VOLTAGE
VOLTA
SD
(V)
V
GS=3V
V
GS=2.5V
V
GS=2V
V
GS=4V,5V,6V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
T
a=25
℃
Pulsed
V
GS=10V
V
GS=4.5V
T
a=25
℃
Pulsed
DRAIN CURRENT
DRAIN
D
(mA)
—— I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
——
23
456
GATE TO SOURCE VOLTAGE
GATE
GS
(V)
V
GS
R
DS(ON)
I
D=0.17A
V
DS=3V
Pulsed
1.0
1.5
2.0
2.5
3.0
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
j
(℃)
www.pingjingsemi.com
Revision:1.
1 Jan-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com