Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060WAST Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03060WAST
Description  10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060WAST Datasheet(HTML) 4 Page - Texas Instruments

  PTH03060WAST Datasheet HTML 1Page - Texas Instruments PTH03060WAST Datasheet HTML 2Page - Texas Instruments PTH03060WAST Datasheet HTML 3Page - Texas Instruments PTH03060WAST Datasheet HTML 4Page - Texas Instruments PTH03060WAST Datasheet HTML 5Page - Texas Instruments PTH03060WAST Datasheet HTML 6Page - Texas Instruments PTH03060WAST Datasheet HTML 7Page - Texas Instruments PTH03060WAST Datasheet HTML 8Page - Texas Instruments PTH03060WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
For technical support and further information visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures. Derating limits apply to
modules soldered directly to a 4-layer PCB with 1 oz. copper.
Typical Characteristics
Characteristic Data; Vin =3.3 V (See Note A)
Efficiency vs Load Current
Power Dissipation vs Load Current
Output Ripple vs Load Current
Safe Operating Area; Vin =3.3 V (See Note B)
Output Voltage =2.5 V
Output Voltage =1.0 V
10-A, 3.3-V Input Non-Isolated
Step-Down Switching Power Module
PTH03060W —3.3 V Input
SLTS215B – MAY 2003 – REVISED DECEMBER 2003
50
60
70
80
90
100
02468
10
Iout - Amps
2.5 V
2.0 V
1.8 V
1.5 V
1.2 V
1.0 V
VOUT
0
10
20
30
40
50
02468
10
Iout - Amps
2.5 V
2.0 V
1.8 V
1.5 V
1.2 V
1.0 V
VOUT
0
1
2
3
4
0
246
8
10
Iout - Amps
20
30
40
50
60
70
80
90
024
68
10
Iout (A)
400LFM
200LFM
100LFM
Nat Conv
Airflow
20
30
40
50
60
70
80
90
024
68
10
Iout (A)
400LFM
200LFM
100LFM
Nat Conv
Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com