Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03060WAST Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH03060WAST
Description  10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03060WAST Datasheet(HTML) 1 Page - Texas Instruments

  PTH03060WAST Datasheet HTML 1Page - Texas Instruments PTH03060WAST Datasheet HTML 2Page - Texas Instruments PTH03060WAST Datasheet HTML 3Page - Texas Instruments PTH03060WAST Datasheet HTML 4Page - Texas Instruments PTH03060WAST Datasheet HTML 5Page - Texas Instruments PTH03060WAST Datasheet HTML 6Page - Texas Instruments PTH03060WAST Datasheet HTML 7Page - Texas Instruments PTH03060WAST Datasheet HTML 8Page - Texas Instruments PTH03060WAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
For technical support and further information visit http://power.ti.com
SLTS215B – MAY 2003 – REVISED DECEMBER 2003
Standard Application
Features
• Up to 10-A Output Current
• 3.3-V Input Voltage
• Wide-Output Voltage Adjust
(0.8 V to 2.5 V)
• Efficiencies up to 96 %
• 114 W/in³ Power Density
• On/Off Inhibit
• Output Voltage Sense
• Pre-Bias Startup
• Margin Up/Down Controls
• Under-Voltage Lockout
• Auto-Track™ Sequencing
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Operating Temp: –40 to +85 °C
• DSP Compatible Output Voltages
• Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
• Point-of-Load Alliance (POLA)
Compatible
Description
The PTH03060W non-isolated power
module is small in size but big on per-
formance and flexibility. Its high output
current, compact footprint, and industry-
leading features offers system designers
a versatile module for powering complex
multi-processor digital systems.
This product employs double-sided
surface mount construction and provides
high-performance step-down power
conversion for up to 10 A of output cur-
rent from a 3.3-V input bus voltage.
The output voltage is adjustable and can
be set to any value over the range, 0.8 V to
2.5 V, using a single resistor.
This series includes Auto-Track™
Sequencing. Auto-Track simplifies the
task of supply voltage sequencing in a
power system by enabling modules to
track each other, or any external voltage,
during power up and power down.
Other operating features include an
on/off inhibit, margin up/down controls,
and the ability to start up into an existing
output voltage or prebias. To ensure tight
load regulation, an output voltage sense
is also provided. A non-latching over-
current trip serves as load fault protection.
Target applications include complex
multi-voltage, multi-processor systems
that incorporate the industry’s high-speed
DSPs, micro-processors and bus drivers.
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vo Sense
6Vout
7
GND
8
Track
9
Margin Down *
10
Margin Up *
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =
1 in x 0.62 in
(25,4 mm x 15,75 mm)
Margin Up
Margin Down
V
IN
L
O
A
D
C
IN
330 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
V
o Sense
Track
R
SET
1 %, 0.1 W
(Required)
PTH03060W
(Top View)
1
2
10
9
8
7
6
5
4
3
PTH03060W —3.3 V Input
10-A, 3.3-V Input Non-Isolated
Step-Down Switching Power Module
Rset = Required to set the output voltage to a value
higher than 0.8 V. (See spec. table for values)
Cin = Required 330 µF capacitor
Cout = Optional 330 µF capacitor


Similar Part No. - PTH03060WAST

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH03060WAST ARTESYN-PTH03060WAST Datasheet
349Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH03060WAST EMERSON-NETWORKPOWER-PTH03060WAST Datasheet
349Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH03060WAST TI2-PTH03060WAST Datasheet
664Kb / 19P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
REVISED DECEMBER 2003
PTH03060WAST.B TI2-PTH03060WAST.B Datasheet
664Kb / 19P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
REVISED DECEMBER 2003
More results

Similar Description - PTH03060WAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH10T033 ASTEC-ATH10T033 Datasheet
402Kb / 14P
10-A, 3.3-V Input Non-Isolated Step-Down Switching Power Module
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com