Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2300NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2300NSA
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2300NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2300NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM2300NSA
N-Channel MOSFET
2 / 6
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Static Parameters
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
20
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
--
--
1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±12V
--
--
±100
nA
Gate Threshold Voltage Note3
VGS(th)
VDS=VGS, ID=250µA
0.45
--
1
V
Static Drain-Source On-Resistance
Note3
RDS(ON)
VGS=4.5V, ID=3A
--
--
32
mΩ
VGS=2.5V, ID=2A
--
--
40
mΩ
VGS=1.8V, ID=2A
--
--
70
mΩ
Forward Transconductance Note3
gFS
VDS=10V, ID=6A
--
5
--
S
Dynamic Parameters
Input Capacitance
Ciss
VGS=0V, VDS=8V, f=1MHz
--
523
--
pF
Output Capacitance
Coss
--
99
--
pF
Reverse Transfer Capacitance
Crss
--
75
--
pF
Switching Parameters
Total gate charge
Qg
VGS=4.5V, VDS=10V,ID=6A
--
6.4
8.2
nC
Gate Source Charge
Qgs
--
1.8
2.3
nC
Gate Drain Charge
Qgd
--
1.3
1.9
nC
Turn-On DelayTime
tD(on)
VDS=10V, VGS=4.5V
ID=1A, RGEN=6Ω
--
10.5
21
ns
Turn-On Rise Time
tr
--
4.5
9
ns
Turn-Off DelayTime
tD(off)
--
27.5
55
ns
Turn-Off Fall Time
tf
--
4.3
8.6
ns
Electrical Characteristics (TC = 25℃)
Drain-Source Diode Characteristics
Body Diode Forward Voltage
VSD
IS=1.7A, VGS=0V
--
--
1.2
V
Note:
1.Repetitive rating : Pulse width limited by junction temperature.
2.Surface mounted on FR4 board, t≤10s.
3.Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
www.pingjingsemi.com
Revision:1.0 J
an-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com