Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2300NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2300NSA
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2300NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2300NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2300NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
4
8
12
16
20
0
1
2
3
4
5
T
a
=25
℃
Pulsed
V
GS
=1.8V
V
GS
=2.5V,3V,4.5V,6V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
V
DS=3V
Pulsed
T
a=25℃
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
2
4
6
8
10
15
20
25
30
V
GS
=2.5V
V
GS
=4.5V
T
a
=25
℃
Pulsed
R
DS(ON)
I
D
DRAIN CURRENT I
D
(A)
0
2
4
6
8
10
0
20
40
60
80
100
Pulsed
I
D=6A
T
a=125℃
T
a=25℃
R
DS(ON)
- V
GS
GATE TO SOURCE VOLTAGE V
GS
(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
T
a=125℃
T
a=25℃
I
S
- V
SD
SOURCE TO DRAIN VOLTAGE V
SD
(V)
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE T
j
(
℃)
PJM2300NSA
N-Channel MOSFET
3 / 6
Typical Characteristics Curves
www.pingjingsemi.com
Revision:1.0 J
an-2019



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com