Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2324NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2324NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2324NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2324NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM2324NSA
N- Enhancement Mode Field Effect Transistor
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250μA
100
-
-
V
Gate Leakage Current
IGSS
VDS = 0V, VGS = ±20V
-
-
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =100V, VGS =0V
-
-
1
μA
Gate Threshold Voltage Note3
VGS(th)
VDS = VGS, ID = 250μA
1.2
-
2.8
V
Drain-Source On-Resistance Note3
RDS(ON)
VGS = 10V, ID =1.5A
-
-
234
mΩ
VGS =4.5V, ID =0.5A
-
-
278
Forward transconductance Note3
gfs
VDS = 20V, ID = 1.5A
-
2
-
S
Dynamic Characteristics
Input Capacitance
Ciss
VDS = 50V, VGS = 0V, f = 1MHz
-
190
-
pF
Output Capacitance
Coss
-
22
-
Reverse Transfer Capacitance
Crss
-
13
-
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=50V, VGEN=4.5V,
RL=39Ω, RG=1Ω, ID=1.3A
-
-
45
ns
Turn-On Rise Time
tr
-
-
39
Turn-Off DelayTime
td(off)
-
-
26
Turn-Off FallTime
tf
-
-
20
Total Gate Charge
Qg
VDS=50V,VGS =4.5V,ID=1.6A
-
-
5.8
nC
Gate-Source Charge
Qgs
-
0.75
-
Gate-Drain Charge
Qgd
-
1.4
-
Forward Diode Voltage Note2
VSD
VGS = 0V, IS = 1.3A
-
-
1.2
V
Notes:1. Repetitive rating: Pluse width limited by junction temperature.
3. Pulse test: pulse width ≦ 300us, duty cycle≦ 0.5%.
2 / 6
www.pingjingsemi.com
Revision:1.0 Sep-2018
Static Characteristics
Source-Drain Diode Characteristics
Electrical Characteristics (TA=25℃ unless otherwise noted)
2. Surface mounted on FR4 board,t ≦ 10 sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com