Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2324NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2324NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2324NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2324NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2324NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM2324NSA
N- Enhancement Mode Field Effect Transistor
0
5
0
1
2
3
4
5
6
7
8
9
10
0
10
0
100
200
300
400
500
600
700
800
900
00
34
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
1.4
1.6
1E-3
0.01
0.1
1
6
25
125
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0
112
160
180
200
220
240
260
280
V
GS=3.8V
V
GS=3.5V
V
GS=8V,10V,12V
1
23
4
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=3V
Ta=100℃
Pulsed
2
46
8
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=0.8A
Ta=25℃
Pulsed
—— V
GS
R
DS(ON)
1
34
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=3V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
Ta=100℃
Pulsed
0.4
0.6
0.8
1.0
1.2
SOURCE TO DRAIN VOLTAGE V
SD
(mV)
Ta=25℃
Pulsed
V
SD
I
S ——
Output Characteristics
50
75
100
JUNCTION TEMPERATURE T
J
(℃)
I
D=250uA
Threshold Voltage
VGS=6V
VGS=4.5V
12
DRAIN CURRENT I
D
(A)
Ta=25℃
Pulsed
VGS=10V
—— I
D
R
DS(ON)
www.pingjingsemi.com
Revision:1.0 Sep-2018
3 / 6
Typical Characteristics Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com