Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3420NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3420NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3420NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3420NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM3420NSA
N- Enhancement Mode Field Effect Transistor
2 / 6
www.pingjingsemi.com
Revision:1.0 Sep-2018
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Static Parameters
Drain-Source Breakdown Voltage
BVDSS ID=250µA, VGS=0V
20
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
--
--
1
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±12V
--
--
±100
nA
Gate Threshold Voltage
VGS(th) VDS=VGS, ID=250µA
0.5
--
1
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=6A
--
--
29
mΩ
VGS=4.5V, ID=5A
--
--
35
mΩ
VGS=2.5V, ID=4A
--
--
48
mΩ
VGS=1.8V, ID=2A
--
--
91
mΩ
Body Diode Forward Voltage
VSD
IS=1A, VGS=0V
--
--
1
V
Dynamic Parameters
Forward Transconductance
gFS
VDS=5V, ID=3.8A
4
--
--
S
Input Capacitance
Ciss
VGS=0V, VDS=10V, f=1MHz
--
630
--
pF
Output Capacitance
Coss
--
164
--
pF
Reverse Transfer Capacitance
Crss
--
137
--
pF
Switching Parameters
Total Gate Charge (10V)
Qg
VGS=10V, VDS=10V, ID=6A
--
12.5
--
nC
Total Gate Charge (4.5V)
--
6
--
nC
Gate Source Charge
Qgs
--
1
--
nC
Gate Drain Charge
Qgd
--
2
--
nC
Turn-On DelayTime
tD(on)
VGS=5V, VDS=10V,
RGEN =6 Ω, RL=1.7 Ω
--
5.5
--
ns
Turn-On Rise Time
tr
--
14
--
ns
Turn-Off DelayTime
tD(off)
--
29
--
ns
Turn-Off Fall Time
tf
--
10.2
--
ns
Electrical Characteristics (Ta = 25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com