Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM3420NSA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM3420NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM3420NSA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM3420NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM3420NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PJM3420NSA
N- Enhancement Mode Field Effect Transistor
3 / 6
www.pingjingsemi.com
Revision:1.0 Sep-2018
Electrical Characteristics Curves
0
5
0
5
10
15
20
0
8
10
0
20
40
60
80
0.2
1.0
1E-3
0.01
0.1
1
0
4
0
5
10
15
20
25
100
125
0.6
0.7
0.8
0.9
2
0
8
10
0
20
40
60
80
V
GS
=4.5V
4V
3.5V
3V
2.5V
2V
V
GS
=1.5V
Ta=25℃
Pulsed
Output Characteristics
1
23
4
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
D
=6A
Ta=25℃
Pulsed
—— V
GS
R
DS(ON)
2
46
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
SD
I
S
——
Ta=25℃
Pulsed
0.4
0.6
0.8
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
DS
=5V
Ta=25℃
Pulsed
Transfer Characteristics
12
3
GATE TO SOURCE VOLTAGE
V
GS
(V)
Threshold Voltage
I
D
=250uA
50
75
JUNCTION TEMPERATURE
PERAT
J
(℃)
V
GS
=1.8V
V
GS
=2.5V
V
GS
=4.5V
V
GS
=10V
——
I
D
R
DS(ON)
Ta=25℃
Pulsed
46
DRAIN CURRENT
I
D
(A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com