Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS71024 Datasheet(PDF) 12 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 12 Page - GSI Technology

Back Button GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology GS71024 Datasheet HTML 10Page - GSI Technology GS71024 Datasheet HTML 11Page - GSI Technology GS71024 Datasheet HTML 12Page - GSI Technology GS71024 Datasheet HTML 13Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
12/13
© 1999, GSI Technology
Ordering Information
Part Number
Package
Access Time
Temp. Range
Status
GS71024T-8
100-Pin TQFP
8 ns
Commercial
GS71024T-9
100-Pin TQFP
9 ns
Commercial
GS71024T-10
100-Pin TQFP
10 ns
Commercial
GS71024T-12
100-Pin TQFP
12 ns
Commercial
GS71024T-15
100-Pin TQFP
15 ns
Commercial
GS71024T-8I
100-Pin TQFP
8 ns
Industrial
GS71024T-9I
100-Pin TQFP
9 ns
Industrial
GS71024T-10I
100-Pin TQFP
10 ns
Industrial
GS71024T-12I
100-Pin TQFP
12 ns
Industrial
GS71024T-15I
100-Pin TQFP
15 ns
Industrial
GS71024GT-8
Pb-free 100-Pin TQFP
8 ns
Commercial
GS71024GT-9
Pb-free 100-Pin TQFP
9 ns
Commercial
GS71024GT-10
Pb-free 100-Pin TQFP
10 ns
Commercial
GS71024GT-12
Pb-free 100-Pin TQFP
12 ns
Commercial
GS71024GT-15
Pb-free 100-Pin TQFP
15 ns
Commercial
GS71024GT-8I
Pb-free 100-Pin TQFP
8 ns
Industrial
GS71024GT-9I
Pb-free 100-Pin TQFP
9 ns
Industrial
GS71024GT-10I
Pb-free 100-Pin TQFP
10 ns
Industrial
GS71024GT-12I
Pb-free 100-Pin TQFP
12 ns
Industrial
GS71024GT-15I
Pb-free 100-Pin TQFP
15 ns
Industrial
GS71024U-8
6 mm x 8 mm Fine Pitch BGA
8 ns
Commercial
GS71024U-9
6 mm x 8 mm Fine Pitch BGA
9 ns
Commercial
GS71024U-10
6 mm x 8 mm Fine Pitch BGA
10 ns
Commercial
GS71024U-12
6 mm x 8 mm Fine Pitch BGA
12 ns
Commercial
GS71024U-15
6 mm x 8 mm Fine Pitch BGA
15 ns
Commercial
GS71024U-8I
6 mm x 8 mm Fine Pitch BGA
8 ns
Industrial
GS71024U-9I
6 mm x 8 mm Fine Pitch BGA
9 ns
Industrial
GS71024U-10I
6 mm x 8 mm Fine Pitch BGA
10 ns
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com