Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS71024 Datasheet(PDF) 13 Page - GSI Technology

Part # GS71024
Description  64K x 24 1.5Mb Asynchronous SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024 Datasheet(HTML) 13 Page - GSI Technology

Back Button GS71024 Datasheet HTML 5Page - GSI Technology GS71024 Datasheet HTML 6Page - GSI Technology GS71024 Datasheet HTML 7Page - GSI Technology GS71024 Datasheet HTML 8Page - GSI Technology GS71024 Datasheet HTML 9Page - GSI Technology GS71024 Datasheet HTML 10Page - GSI Technology GS71024 Datasheet HTML 11Page - GSI Technology GS71024 Datasheet HTML 12Page - GSI Technology GS71024 Datasheet HTML 13Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
13/13
© 1999, GSI Technology
GS71024U-12I
6 mm x 8 mm Fine Pitch BGA
12 ns
Industrial
GS71024U-15I
6 mm x 8 mm Fine Pitch BGA
15 ns
Industrial
* Customers requiring Tape and Reel should add the character “T” to the end of the part number. For example: GS71024T/U-12T.
Revision History
Rev. Code: Old;
New
Types of Changes
Format or Content
Page/Revisions/Reason
GS71024Rev 2:17pm, 4/8/
1999;
1.00a5/1999
Format/Typos
• Document Changed subscripts to small caps.
• 1/Features: Changed TP to T.
• Document/Replaced “micro” with “fine pitch”.
Content
• Ordering Information/Added Tape and Reel Note/
Enhancement
• Pin Description/Changed A0 - A14 to A0 - A15/Correction
• Page 1/Took out “Byte Control” from Features/Correction
• 3/Changed pin 97 from NC to CE2/Correction
•
GS710241.00a5/1999;
1.01 8/1999B
Content
1. Pin out/Changed Pin 89 from CK to NC/Correction
2. Pin out/Changed Pin 92 from NC to V/S/Correction
3. Pin out/Changed Pin 93 from V/S to X/Y/Correction
4. Pin out/Changed Pin 94 from X/Y to NC/Correction
GS710241.01 8/1999C;
1.02 9/1999C
Content
• Package Diagram/Changed Dimension “D Max” from 20.1 to
22.1/Correction
GS71024Rev1.01 8/
1999C;Rev1.02 2/2000D
Format
• GSI Logo
Rev1.02 2/2000D;
71024_r1_03
Format and Content
• Updated format to comply with Technical Publications
standards
• Changed all VSSQ to VSS and all VDDQ to VDD in pinout on
page 2
• Updated Revision History (revision notes for 8/1999 incorrect)
71024_r1_03; 71024_r1_04
Content
• Added 9 ns references to entire document
71024_r1_04; 71024_r1_05
Content/Format
• Updated format
• Added Pb-free information for TQFP package
Ordering Information
Part Number
Package
Access Time
Temp. Range
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com