Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7739 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7739 Datasheet HTML 9Page - Analog Devices AD7739 Datasheet HTML 10Page - Analog Devices AD7739 Datasheet HTML 11Page - Analog Devices AD7739 Datasheet HTML 12Page - Analog Devices AD7739 Datasheet HTML 13Page - Analog Devices AD7739 Datasheet HTML 14Page - Analog Devices AD7739 Datasheet HTML 15Page - Analog Devices AD7739 Datasheet HTML 16Page - Analog Devices AD7739 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7739
Rev. 0 | Page 13 of 32
Pin No.
Mnemonic
Description
8
SYNC/P1
SYNC/Digital Input/Digital Output. The pin direction is determined by the P1 DIR bit;
the digital value can be read/written as the P1 bit in the I/O port register. When the SYNC
bit in the I/O port register is set to 1, then the SYNC/P1 pin can be used to synchronize
the AD7739 modulator and digital filter with other devices in the system. The digital
voltage is referenced to the analog supplies. When configured as an input, the pin should
be tied high or low.
9–16
AIN0–AIN7
Analog Inputs.
17
REFIN(+)
Positive Terminal of the Differential Reference Input. REFIN(+) voltage potential can lie
anywhere between AVDD and AGND. In normal circuit configuration, this pin should be
connected to a 2.5 V reference voltage.
18
REFIN(–)
Negative Terminal of the Differential Reference Input. REFIN(–) voltage potential can lie
anywhere between AVDD and AGND. In normal circuit configuration, this pin should be
connected to a 0 V reference voltage.
19
AGND
Ground Reference Point for Analog Circuitry.
20
RDY
Logic Output. Used as a status output in both conversion mode and calibration mode. In
conversion mode, a falling edge on this output indicates that either any channel or all
channels have unread data available, according to the RDYFN bit in the I/O port register.
In calibration mode, a falling edge on this output indicates that calibration is complete
(see the Digital Interface Description section for details).
21
DOUT
Serial Data Output. Serial data is read from the output shift register on the part. This
output shift register can contain information from any AD7739 register, depending on
the address bits of the communications register.
22
DIN
Serial Data Input (Schmitt Triggered). Serial data is written to the input shift register on
the part. Data from this input shift register is transferred to any AD7739 register,
depending on the address bits of the communications register.
23
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal.
24
DGND
Ground Reference Point for Digital Circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com