Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7739 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7739 Datasheet HTML 17Page - Analog Devices AD7739 Datasheet HTML 18Page - Analog Devices AD7739 Datasheet HTML 19Page - Analog Devices AD7739 Datasheet HTML 20Page - Analog Devices AD7739 Datasheet HTML 21Page - Analog Devices AD7739 Datasheet HTML 22Page - Analog Devices AD7739 Datasheet HTML 23Page - Analog Devices AD7739 Datasheet HTML 24Page - Analog Devices AD7739 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7739
Rev. 0 | Page 21 of 32
Bit
Mnemonic
Description
4
CLKDIS
Master Clock Output Disable. When this bit is set to 1, the master clock is disabled from appearing at the
MCLKOUT pin and the MCLKOUT pin is in a high impedance state. This allows turning off the MCLKOUT as a
power saving feature. When using an external clock on MCLKIN, the AD7739 continues to have internal clocks
and will convert normally regardless of the CLKDIS bit state. When using a crystal oscillator or ceramic resonator
across the MCLKIN and MCLKOUT pins, the AD7739 clock is stopped and no conversions can take place when
the CLKDIS bit is active. The AD7739 digital interface can still be accessed using the SCLK pin.
3
DUMP
Dump Mode. When this bit is reset to 0, the channel status register and channel data register will be addressed
and read separately. When the DUMP bit is set to 1, the channel status register will be followed immediately by
a read of the channel data register regardless of whether the status or data register has been addressed through
the communications register. The continuous read mode will always be dump mode reading the channel status
and channel data registers, regardless of the DUMP bit value (see the Digital Interface Description section
for details).
2
Cont RD
When this bit is set to 1, the AD7739 will operate in the continuous read mode (see the Digital Interface
Description section for details).
1
24/16 BIT
Channel Data Register Data Width Selection Bit. When set to 1, the channel data registers will be 24 bits wide.
When set to 0, the channel data registers will be 16 bits wide.
0
CLAMP
This bit determines the channel data register’s value when the analog input voltage is outside the nominal input
voltage range. When the CLAMP bit is set to 1, the channel data register will be digitally clamped to either all 0s
or all 1s when the analog input voltage goes outside the nominal input voltage range. When the CLAMP bit is
reset to 0, the data registers reflect the analog input voltage even outside the nominal voltage range (see the
Analog Input’s Extended Voltage Range section).
MD2 MD1 MD0 Operating Mode
Description
0
0
0
Idle
The default mode after power-on or reset. The AD7739 automatically returns to this mode after any
calibration or after a single conversion.
0
0
1
Continuous
Conversion
The AD7739 performs a conversion on the specified channel. After the conversion is complete, the
relevant channel data register and channel status register are updated, the relevant RDY bit in the
ADC status register is set, and the AD7739 continues converting on the next enabled channel. The
part will cycle through all enabled channels until it is put into another mode or reset. The cycle
period will be the sum of all enabled channels’ conversion times, set by the corresponding channel
conversion time registers.
0
1
0
Single
Conversion
The AD7739 performs a conversion on the specified channel. After the conversion is complete, the
relevant channel data register and channel status register are updated, the relevant RDY bit in the
ADC status register is set, the RDY pin goes low, the MD2–MD0 bits are reset, and the AD7739 returns
to idle mode. Requesting a single conversion ignores the channel setup register enable bits; a
conversion will be performed even if that channel is disabled.
0
1
1
Power-Down
(Standby)
The ADC and the analog front end (internal buffer) go into the power-down mode. The AD7739
digital interface can still be accessed. The CLKDIS bit works separately, and the MCLKOUT mode is not
affected by the power-down (standby) mode.
1
0
0
ADC Zero-Scale
Self-Calibration
A zero-scale self-calibration is performed on internally shorted ADC inputs. After the calibration is
complete, the contents of the ADC zero-scale calibration register are updated, all RDY bits in the ADC
status register are set, the RDY pin goes low, the MD2–MD0 bits are reset, and the AD7739 returns to
idle mode.
1
0
1
ADC Full-Scale
Self-Calibration
A full-scale self-calibration is performed on an internally generated full-scale signal. After the
calibration is complete, the contents of the ADC full-scale calibration register are updated, all RDY
bits in the ADC status register are set, the RDY pin goes low, the MD2–MD0 bits are reset, and the
AD7739 returns to idle mode.
1
1
0
Channel Zero-
Scale System
Calibration
A zero-scale system calibration is performed on the selected channel. An external system zero-scale
voltage should be provided at the AD7739 analog input and this voltage should remain stable for the
duration of the calibration. After the calibration is complete, the contents of the corresponding
channel zero-scale calibration register are updated, all RDY bits in the ADC status register are set, the
RDY pin goes low, the MD2–MD0 bits are reset, and the AD7739 returns to idle mode.
1
1
1
Channel Full-
Scale System
Calibration
A full-scale system calibration is performed on the selected channel. An external system full-scale
voltage should be provided at the AD7739 analog input and this voltage should remain stable for the
duration of the calibration. After the calibration is complete, the contents of the corresponding
channel full-scale calibration register are updated, all RDY bits in the ADC status register are set, the
RDY pin goes low, the MD2–MD0 bits are reset, and the AD7739 returns to idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com