Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L06AL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3L06AL
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L06AL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3L06AL Datasheet HTML 7Page - STMicroelectronics LIS3L06AL Datasheet HTML 8Page - STMicroelectronics LIS3L06AL Datasheet HTML 9Page - STMicroelectronics LIS3L06AL Datasheet HTML 10Page - STMicroelectronics LIS3L06AL Datasheet HTML 11Page - STMicroelectronics LIS3L06AL Datasheet HTML 12Page - STMicroelectronics LIS3L06AL Datasheet HTML 13Page - STMicroelectronics LIS3L06AL Datasheet HTML 14Page - STMicroelectronics LIS3L06AL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LIS3L06AL
4 Application hints
CD00068498
11/17
Table 5.
Filter Capacitor Selection, Cload (x,y,z).
4.1
Soldering information
The LGA-8 package is compliant with the ECOPACK,RoHs and “Green” standard.It is qualified
for soldering heat resistance according to JEDEC J-STD-020C.
Pin 1 indicator is electrically connected to ST pin. Leave pin 1 indicator unconnected during
soldering.
Land pattern and soldering recommendations are available upon request.
4.2
Output Response vs Orientation
Figure 4.
Output response vs Orientation
Figure 4 refers to LIS3L06AL device powered at 3.3V.
Cut-off frequency
Capacitor value
1 Hz
1500 nF
10 Hz
150 nF
20 Hz
68 nF
50 Hz
30 nF
100 Hz
15 nF
200 Hz
6.8 nF
500 Hz
3 nF
X=1.65V (0g)
Y=1.65V (0g)
Z=2.31V (+1g)
X=1.65V (0g)
Y=1.65V (0g)
Z=0.99V (-1g)
TOP VIEW
X=1.65V(0g)
Y=0.99V (-1g)
Earth’s Surface
X=1.65V(0g)
Y=2.31V (+1g)
X=2.31V (+1g)
Y=1.65V (0g)
X=0.99V (-1g)
Y=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Top
Bottom
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com