Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L06AL Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS3L06AL
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L06AL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS3L06AL Datasheet HTML 9Page - STMicroelectronics LIS3L06AL Datasheet HTML 10Page - STMicroelectronics LIS3L06AL Datasheet HTML 11Page - STMicroelectronics LIS3L06AL Datasheet HTML 12Page - STMicroelectronics LIS3L06AL Datasheet HTML 13Page - STMicroelectronics LIS3L06AL Datasheet HTML 14Page - STMicroelectronics LIS3L06AL Datasheet HTML 15Page - STMicroelectronics LIS3L06AL Datasheet HTML 16Page - STMicroelectronics LIS3L06AL Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LIS3L06AL
5 Typical performance characteristics
CD00068498
13/17
5.2
Mechanical Characteristics derived from measurement in the
-40°C to +85°C temperature range
Figure 11. x-axis Zero-g level change Vs
temperature
Figure 12. y-axis Zero-g level change Vs
temperature
Figure 13. z-axis Zero-g level change Vs
temperature
Figure 14. x-axis sensitivity change Vs
temperature
Figure 15. y-axis sensitivity change Vs
temperature
Figure 16. z-axis sensitivity change Vs
temperature
−1
−0.5
0
0.5
1
0
5
10
15
20
25
30
35
Zero−g level change (mg/deg. C)
−1
−0.5
0
0.5
1
0
5
10
15
20
25
30
Zero−g level change (mg/deg. C)
−2
−1.5
−1
−0.5
0
0
5
10
15
20
25
30
Zero−g level change (mg/deg. C)
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0
5
10
15
20
25
30
Sensitivity Change(%/deg. C)
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0
5
10
15
20
25
30
35
40
Sensitivity Change (%/deg. C)
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0
5
10
15
20
25
30
35
40
Sensitivity Change (%/deg. C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com