Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4631 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 24Page - Texas Instruments THS4631 Datasheet HTML 25Page - Texas Instruments THS4631 Datasheet HTML 26Page - Texas Instruments THS4631 Datasheet HTML 27Page - Texas Instruments THS4631 Datasheet HTML 28Page - Texas Instruments THS4631 Datasheet HTML 29Page - Texas Instruments THS4631 Datasheet HTML 30Page - Texas Instruments THS4631 Datasheet HTML 31Page - Texas Instruments THS4631 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
(
)
(
)
(
)
2
2
2
2
O
NI
BN
S
S
F
E
E
I
R
4kTR
NG
I
R
4kTR NG
BI F
=
+
+
+
+
+
±
R
S
E
RS
R
F
R
G
I
BN
E
NI
I
BI
E
O
S
4kTR
G
4kT
R
F
4kTR
4 kT
1.6E
20 J
at 290 K
q
Frequency (Hz)
-10
0
10
20
30
10k
100k
1M
10M
100M
D806
RF = 200 :, RG = 50 :
RF = 10 k:, RG = 2.5 k:
RF = 1 M:, RG = 250 k:
Resistance (:)
0.1
1
10
100
1000
10
100
1k
10k
100k
1M
10M
D803
28
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
A lower phase margin results in peaking in the frequency response and lower bandwidth as Figure 69 shows,
which is synonymous with overshoot and ringing in the pulse response results. The OPA810 offers a flat-band
voltage noise density of 6.3 nV/
√Hz. TI recommends selecting an RF so the voltage noise contribution does not
exceed that of the amplifier. Figure 70 shows the voltage noise density variation with value of resistance at 25°C.
A 2-kΩ resistor exhibits a thermal noise density of 5.75 nV/√Hz which is comparable to the flatband noise of the
OPA810. Hence, TI recommends using an RF lower than 2 kΩ while being large enough to not dissipate
excessive power for the output voltage swing and supply current requirements of the application. The Noise
Analysis and the Effect of Resistor Elements on Total Noise section shows a detailed analysis of the various
contributors to noise.
Figure 69. Closed-Loop Gain vs. Frequency for Circuit of
Figure 66
Figure 70. Thermal Noise Density vs Resistance
9.1.3 Noise Analysis and the Effect of Resistor Elements on Total Noise
The OPA810 provides a low input-referred broadband noise voltage density of 6.3 nV/
√Hz while requiring a low
3.7-mA quiescent supply current. To take full advantage of this low input noise, careful attention to the other
possible noise contributors is required. Figure 71 shows the operational amplifier noise analysis model with all
the noise terms included. In this model, all the noise terms are taken to be noise voltage or current density terms
in nV/
√Hz or pA/√Hz.
Figure 71. Operational Amplifier Noise Analysis Model
The total output spot noise voltage is computed as the square root of the squared contributing terms to the
output noise voltage. This computation adds all the contributing noise powers at the output by superposition, then
calculates the square root to get back to a spot noise voltage. Figure 71 shows the general form for this output
noise voltage using the terms shown in Equation 7.
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com