Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4631 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 9Page - Texas Instruments THS4631 Datasheet HTML 10Page - Texas Instruments THS4631 Datasheet HTML 11Page - Texas Instruments THS4631 Datasheet HTML 12Page - Texas Instruments THS4631 Datasheet HTML 13Page - Texas Instruments THS4631 Datasheet HTML 14Page - Texas Instruments THS4631 Datasheet HTML 15Page - Texas Instruments THS4631 Datasheet HTML 16Page - Texas Instruments THS4631 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Input Common-Mode Voltage (V)
-6
-4
-2
0
2
4
6
-1200
-800
-400
0
400
800
1200
D058
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
-6
-4
-2
0
2
4
6
D056
Sourcing
Sinking
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-150
-120
-90
-60
-30
0
30
60
90
120
D057
Sourcing
Sinking
Time (nsec)
-6
-4
-2
0
2
4
6
0
200
400
600
800
1000
1200
1400
1600
D054
VIN
VOUT
Time (nsec)
-6
-4
-2
0
2
4
6
0
200
400
600
800
1000
1200
1400
D055
VIN x -1 Gain
VO
13
OPA810
www.ti.com
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics: VS = 10 V (continued)
at VS+ = 5 V, VS– = –5 V, RL = 1 kΩ, input and output are biased to midsupply, and TA ≈ 25°C. For AC specifications, VO = 2
VPP, G = 2 V/V, RF = 1 kΩ, and CL = 4.7 pF (unless otherwise noted)
See Figure 62, gain = 1 V/V, RF = 0 Ω
Figure 13. Input Overdrive Recovery
See Figure 63, gain = –1 V/V
Figure 14. Output Overdrive Recovery
Figure 15. Output Voltage vs Load Current
Output saturated and then short-circuited
Figure 16. Output Short-Circuit Current vs Ambient
Temperature
Measured for 12 units
Figure 17. Input Offset Voltage vs Input Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com