Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV751 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV751
Description  TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV751 Datasheet(HTML) 1 Page - Texas Instruments

  TLV751 Datasheet HTML 1Page - Texas Instruments TLV751 Datasheet HTML 2Page - Texas Instruments TLV751 Datasheet HTML 3Page - Texas Instruments TLV751 Datasheet HTML 4Page - Texas Instruments TLV751 Datasheet HTML 5Page - Texas Instruments TLV751 Datasheet HTML 6Page - Texas Instruments TLV751 Datasheet HTML 7Page - Texas Instruments TLV751 Datasheet HTML 8Page - Texas Instruments TLV751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
INx
OUTx
GND
ENx
½
TLV751P
V
OUT
V
IN
FBx
C
IN
C
OUT
V
EN
R
2
R
1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV751
SBVS385 – DECEMBER 2019
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
1
1 Features
1
Input voltage range: 1.5 V to 6.0 V
Adjustable output voltage:
0.55 V to 5.5 V
Low dropout:
130 mV (max) at 500 mA (3.3 VOUT)
High output accuracy: 1.5% (maximum over
temperature)
IQ: 25 µA (typical)
Built-in soft-start with monotonic VOUT rise
Package:
2-mm × 2-mm WSON-10 (DSQ)
Active output discharge
2 Applications
Microservers and tower servers
Door and window sensors
Portable point-of-sale (EPOS)
Wearable fitness and activity monitors
Scanners
Wi-Fi access points
Communication modules
3 Description
The TLV751 is a dual, adjustable, 500-mA low-
dropout (LDO) regulator. This device is available in a
small, 10-pin, 2-mm × 2-mm WSON package and
consumes 25-µA quiescent current while providing
fast line and load transient response. The TLV751
features an low dropout of 130 mV that can help
improve the overall power efficiency.
The TLV751 wide input-and-output voltage ranges,
when combined with its output current capability in a
small printed circuit board (PCB) footprint help
support a wide variety of applications from sensor
supplies,
to
auxiliary
rails,
and
modern
microcontrollers with lower core voltages.
The TLV751 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 1.5% (max) over temperature. This
device includes integrated thermal shutdown, current
limit,
active
output-discharge,
and
undervoltage
lockout (UVLO) features. The TLV751 has an internal
fold-back current-limit to reduce thermal dissipation
during short-circuit events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV751
WSON (10)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) Preview device.
Typical Application


Similar Part No. - TLV751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV751 TI1-TLV751 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
TLV751 TI2-TLV751 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
REVISED APRIL 2020
TLV75101PDSQR TI1-TLV75101PDSQR Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
TLV75101PDSQR TI2-TLV75101PDSQR Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
REVISED APRIL 2020
TLV75101PDSQR.A TI2-TLV75101PDSQR.A Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
REVISED APRIL 2020
More results

Similar Description - TLV751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TPS745-Q1 TI1-TPS745-Q1_V01 Datasheet
2Mb / 30P
TPS745-Q1 500-mA LDO With Power-Good in a Small Wettable Flank WSON Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
NJW4106T1 NJRC-NJW4106T1 Datasheet
744Kb / 15P
HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com