Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV752 Datasheet(HTML) 5 Page - Texas Instruments

  TLV752 Datasheet HTML 1Page - Texas Instruments TLV752 Datasheet HTML 2Page - Texas Instruments TLV752 Datasheet HTML 3Page - Texas Instruments TLV752 Datasheet HTML 4Page - Texas Instruments TLV752 Datasheet HTML 5Page - Texas Instruments TLV752 Datasheet HTML 6Page - Texas Instruments TLV752 Datasheet HTML 7Page - Texas Instruments TLV752 Datasheet HTML 8Page - Texas Instruments TLV752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TLV752
www.ti.com
SBVS383 – DECEMBER 2019
Product Folder Links: TLV752
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
When the device is connected to external feedback resistors at the FB pin, external resistor tolerances are not included.
(2)
VIN = 1.5 V for VOUT < 1.0 V.
(3)
VIN = 2 V for VOUT < 1.5 V.
6.5 Electrical Characteristics
at operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(NOM) + 0.5 V or 1.5 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 μF, unless otherwise noted. All typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFBx
Feedback voltage
TJ = 25°C
0.55
V
Output accuracy(1)
TJ = 25°C
–0.5%
0.5%
–40°C
≤ TJ ≤ +125°C; VOUT(NOM) + 0.5 V
(2) ≤ V
IN ≤ 6.0 V
–1.5%
1.5%
Line regulation
VOUT(NOM) + 0.5 V
(2) ≤ V
IN ≤ 6.0 V
2
mV
Load regulation
0.1 mA
≤ IOUT ≤ 1 A, VIN = VOUT + 0.5 V
(3)
0.03
V/A
IGND
Ground current
IOUT = 0 mA
TJ = 25°C
10
25
31
µA
–40°C
≤ TJ ≤ +125°C
35
ISHDN
Shutdown current
VEN ≤ 0.3 V, 1.5 V ≤ VIN ≤ 6.0 V
0.1
1
µA
IFB
Feedback pin current
0.01
0.1
µA
ICL
Output current limit
VIN = 2.0 V for VOUT < 1.0 V,
otherwise VIN = VOUT(NOM) + 1.0 V
VOUT = VOUT(NOM) -
0.2 V, VOUT < 1.5 V
1.22
1.54
1.83
A
VOUT = 0.9 x VOUT(NOM),
VOUT ≥ 1.5 V
1.22
1.54
1.83
ISC
Short-circuit current limit
VIN = 2.0 V for VOUT < 1.0 V,
otherwise VIN = VOUT(NOM) + 1.0 V
VOUT = 0 V
670
850
mA
VDO
Dropout voltage
IOUT = 1 A,
–40°C
≤ TJ ≤ +125°C,
VOUT = 0.95 × VOUT(NOM)
0.65 V
≤ VOUT < 0.8 V
896
1050
mV
0.8 V
≤ VOUT < 0.9 V
765
920
0.9 V
≤ VOUT < 1.0 V
700
850
1.0 V
≤ VOUT < 1.2 V
600
750
1.2 V
≤ VOUT < 1.5 V
464
585
1.5 V
≤ VOUT < 1.8 V
332
440
1.8 V
≤ VOUT < 2.5 V
264
360
2.5 V
≤ VOUT < 3.3 V
193
270
3.3 V
≤ VOUT ≤ 5.5 V
161
225
PSRR
Power-supply rejection ratio
VIN = VOUT(NOM) + 1 V,
IOUT = 50 mA
f = 1 kHz
50
dB
f = 100 kHz
45
f = 1 MHz
30
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VOUT = 0.9 V
53
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.21
1.33
1.47
V
VIN falling
1.17
1.29
1.42
VUVLO, HYST
Undervoltage lockout
hysteresis
VIN hysteresis
45
mV
tSTR
Startup time
From EN low-to-high transition to VOUT = VOUT(NOM) x 95%
500
700
µs
VENx(HI)
EN pin high voltage
1.0
V
VENx(LO)
EN pin low voltage
0.3
V
IENx
Enable pin current
VIN = VEN = 6.0 V
10
nA
RPULLDOWN
Pulldown resistance
VIN = 6.0 V
95
Ω
TSD
Thermal shutdown
Shutdown, temperature increasing
170
°C
Reset, temperature decreasing
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com