Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV752 Datasheet(HTML) 1 Page - Texas Instruments

  TLV752 Datasheet HTML 1Page - Texas Instruments TLV752 Datasheet HTML 2Page - Texas Instruments TLV752 Datasheet HTML 3Page - Texas Instruments TLV752 Datasheet HTML 4Page - Texas Instruments TLV752 Datasheet HTML 5Page - Texas Instruments TLV752 Datasheet HTML 6Page - Texas Instruments TLV752 Datasheet HTML 7Page - Texas Instruments TLV752 Datasheet HTML 8Page - Texas Instruments TLV752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
INx
OUTx
GND
ENx
½
TLV752P
V
OUT
V
IN
FBx
C
IN
C
OUT
V
EN
R
2
R
1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV752
SBVS383 – DECEMBER 2019
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
1
1 Features
1
•
Input voltage range: 1.5 V to 6.0 V
•
Adjustable output voltage:
–
0.55 V to 5.5 V
•
Very low dropout:
–
225 mV (max) at 1 A (3.3 VOUT)
•
High output accuracy:
–
1.5%, maximum over temperature
•
IQ: 25 µA (typical)
•
Built-in soft-start with monotonic VOUT rise
•
Package:
–
2-mm × 2-mm 10-Pin WSON (DSQ)
•
Active output discharge
2 Applications
•
Microservers and tower servers
•
Door and window sensors
•
Portable point-of-sale (EPOS)
•
Wearable fitness and activity monitors
•
Scanners
•
Wi-Fi access points
•
Communication modules
3 Description
The TLV752 is an dual, adjustable, 1-A low-dropout
(LDO) regulator. This device is available in a small,
10-pin, 2-mm × 2-mm WSON package and consumes
25-µA quiescent current while providing fast line and
load transient response. The TLV752 features a low
dropout of 225 mV that can help improve the overall
power efficiency.
The TLV752 wide input-and-output voltage ranges,
when combined with its output current capability in a
small printed circuit board (PCB) footprint help
support a wide variety of applications from sensor
supplies,
to
auxiliary
rails,
and
modern
microcontrollers with lower core voltages.
The TLV752 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 1.5% (max) over temperature. This
device includes integrated thermal shutdown, current
limit,
active
output-discharge,
and
undervoltage
lockout (UVLO) features. The TLV752 has an internal
fold-back current-limit to reduce thermal dissipation
during short-circuit events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV752
WSON (10)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TLV752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV752 TI2-TLV752 Datasheet
2Mb / 31P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
REVISED MARCH 2020
TLV75201PDSQR TI2-TLV75201PDSQR Datasheet
2Mb / 31P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
REVISED MARCH 2020
TLV75201PDSQR.A TI2-TLV75201PDSQR.A Datasheet
2Mb / 31P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
REVISED MARCH 2020
TLV75201PDSQT TI2-TLV75201PDSQT Datasheet
2Mb / 31P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
REVISED MARCH 2020
TLV75201PDSQT.A TI2-TLV75201PDSQT.A Datasheet
2Mb / 31P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
REVISED MARCH 2020
More results

Similar Description - TLV752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com