Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331DECT Datasheet(PDF) 14 Page - Texas Instruments

Part # PTMP6331DECT
Description  TMP63 100-k廓 Linear Thermistor With 0402 Package Option
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331DECT Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTMP6331DECT Datasheet HTML 10Page - Texas Instruments PTMP6331DECT Datasheet HTML 11Page - Texas Instruments PTMP6331DECT Datasheet HTML 12Page - Texas Instruments PTMP6331DECT Datasheet HTML 13Page - Texas Instruments PTMP6331DECT Datasheet HTML 14Page - Texas Instruments PTMP6331DECT Datasheet HTML 15Page - Texas Instruments PTMP6331DECT Datasheet HTML 16Page - Texas Instruments PTMP6331DECT Datasheet HTML 17Page - Texas Instruments PTMP6331DECT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Temperature (qC)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
D014
OUT
TEMP
R EF
V
G
V
1
G
V
u
u
FB
1
R
G
R
TMP63
TEMP
BIAS
BIAS
TMP63
R
V
V
R
R
§
·
u ¨
¸
©
¹
RBias
200 k
5 V
RTMP63
R2
200 k
VOut
R1
10 k
R3
200 k
VTemp
RFB
300 k
VRef
14
TMP63
SNIS211A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 16. Thermal Foldback Using TMP63 Voltage Divider and a Rail-to-Rail Op Amp
The op amp will remain high as long as the voltage output is below VRef. When the temperature goes above
110°C, then the output will swing low to the 0-V rail of the op amp. The rate at which the foldback occurs is
dependent on the feedback network, RFB and R1, which varies the gain of the op amp, G, given by Equation 6.
This in return controls the voltage/temperature sensitivity of the circuit. This voltage output is fed into a LED
driver IC that will adjust output current accordingly. The final output voltage used for thermal foldback is VOUT,
and is given in Equation 7. In this example where the knee point is set at 110°C, the output voltage curve is as
shown in Figure 17.
(5)
(6)
(7)
Figure 17. Thermal Foldback Voltage Output Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com