Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331DECT Datasheet(PDF) 13 Page - Texas Instruments

Part # PTMP6331DECT
Description  TMP63 100-k廓 Linear Thermistor With 0402 Package Option
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331DECT Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTMP6331DECT Datasheet HTML 9Page - Texas Instruments PTMP6331DECT Datasheet HTML 10Page - Texas Instruments PTMP6331DECT Datasheet HTML 11Page - Texas Instruments PTMP6331DECT Datasheet HTML 12Page - Texas Instruments PTMP6331DECT Datasheet HTML 13Page - Texas Instruments PTMP6331DECT Datasheet HTML 14Page - Texas Instruments PTMP6331DECT Datasheet HTML 15Page - Texas Instruments PTMP6331DECT Datasheet HTML 16Page - Texas Instruments PTMP6331DECT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RBias
VBias
RTMP63
R1
R2
VTrip
13
TMP63
www.ti.com
SNIS211A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
8.2.1.2.1
Thermal Protection With Comparator
The engineer can use the TMP63, a voltage reference, and a comparator to program the thermal protection. As
shown in Figure 15, the output of the comparator will remain low until the voltage of the thermistor divider, with
RBIAS and RTMP63, rises above the threshold voltage set by R1 and R2. When the output goes high, the
comparator signals an overtemperature warning signal. The engineer can also program the hysteresis to prevent
the output from continuously toggling around the temperature threshold when the output returns low. Either a
comparator with built-in hysteresis or feedback resistors may be used.
Figure 15. Temperature Switch Using TMP63 Voltage Divider and a Comparator
8.2.1.2.2
Thermal Foldback
One application that uses the output voltage of the TMP63 in an active control circuit is thermal foldback. This is
performed to reduce, or fold back, the current driving a string of LEDs, for example. At high temperatures, the
LEDs begin to heat up due to environmental conditions and self heating. Thus, at a certain temperature threshold
based on the LED's safe operating area, the driving current must be reduced to cool down the LEDs and prevent
thermal runaway. The TMP63 voltage output increases with temperature when the output is in the lower position
of the voltage divider and can provide a response used to fold back the current. Typically, the current is held at a
specified level until a high temperature is reached, known as the knee point, where the current must be rapidly
reduced. To better control the temperature/voltage sensitivity of the TMP63, a rail-to-rail operational amplifier is
used. In the example shown in Figure 16, the temperature “knee” where the foldback begins is set by the
reference voltage (2.5 V) at the positive input, and the feedback resistors set the response of the foldback curve.
The foldback knee point may be chosen based on the output of the voltage divider and the corresponding
temperature from Equation 5 (like 110°C, for example). A buffer is used in-between the voltage divider with
RTMP63 and the input to the op amp to prevent loading and variations in VTEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com