Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC933 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC933
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC933 Datasheet(HTML) 5 Page - Sharp Corporation

  PC933 Datasheet HTML 1Page - Sharp Corporation PC933 Datasheet HTML 2Page - Sharp Corporation PC933 Datasheet HTML 3Page - Sharp Corporation PC933 Datasheet HTML 4Page - Sharp Corporation PC933 Datasheet HTML 5Page - Sharp Corporation PC933 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
4
8
12
16
20
0
1
2
3
4
25˚C
85˚C
25˚C
85˚C
Supply voltage VCC (V)
I CCH
I CCH
I CCH
T a = - 25˚C
Ta = - 25˚C
I CCL
I CCL
I CCL
0
0
1
48
16
85˚C
25˚C
12
20
4
2
3
25˚C
85˚C
Supply voltage VCC (V)
T a = - 25˚C
ICCL
I CCH
T a = - 25˚C
0
3
1
45
7
85˚C
25˚C
68
4
2
3
25˚C
85˚C
Supply voltage VCC (V)
T a = - 25˚C
I CCL
I CCH
T a = - 25˚C
0
5
10
15
20
5
101520
0
1
2
Forward Current
V CC =5V
R L = 280 Ω
Fig.10 Propagation Delay Time vs.
Forward current I F ( mA )
1 t PLH ( PC930/PC932/PC934 )
t PHL ( PC931/PC933/PC935 )
2 t PHL ( PC930/PC932/PC934 )
t PLH ( PC931/PC933/PC935 )
T a = 25˚C
0
0.1
0.1
0.2
0.3
0.4
0.5
0.2
0.5
1
t r
tf
10
5
2
0
0.1
0.1
0.2
0.3
0.2
0.5
1
tr
tf
10
5
2
0.4
0.5
(PC930/PC931 )(PC932/PC933 )
(PC934/PC935 )
(PC930/PC931 )
V CC =5V
IF=1mA
T a = 25˚C
VCC =5V
IF=1mA
T a = 25˚C
(PC932/PC933 )
L ( k Ω )
L ( k Ω )
Fig. 9-a Supply Current vs. Supply Voltage
Fig. 9-b Supply Current vs. Supply Voltage
Fig.11-a Rise Time, Fall Time vs.
Fig.11-b Rise Time, Fall Time vs.
PC930 Series
Fig. 9-c Supply Current vs. Supply Voltage
Load Resistance
Load Resistance
Load resistance R
Load resistance R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com