Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC933 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC933
Description  Digital Output, High Sensitivity Type OPIC Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC933 Datasheet(HTML) 1 Page - Sharp Corporation

  PC933 Datasheet HTML 1Page - Sharp Corporation PC933 Datasheet HTML 2Page - Sharp Corporation PC933 Datasheet HTML 3Page - Sharp Corporation PC933 Datasheet HTML 4Page - Sharp Corporation PC933 Datasheet HTML 5Page - Sharp Corporation PC933 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PC930 Series
s Model Line-up
s Features
s Applications
*1 Pulse width <=100
µ s
*3 For 10 seconds
( Unit : mm)
mark
θ
Anode
θ
Model No.
PC930/PC931
PC932/PC933
PC934/PC935
Internal connection diagram
Voltage
regulator
••••••
Digital Output, High Sensitivity
Type OPIC Photocoupler
s Outline Dimensions
Duty ratio : 0.001
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
20
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Supply voltage
PC930/PC931
PC932/PC933
V CC
- 0.5 to 16.0
V
PC934/PC935
- 0.5 to 7.0
High level output voltage
PC930/PC931
V OH
- 0.5 to 16.0
V
High level output current
PC934/PC935
I OH
- 800
µ A
Low level output current
IOL
50
mA
P O
150
mW
Total power dissipation
P tot
170
mW
*2Isolation voltage
V iso
V rms
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
*3Soldering temperature
T stg
- 40 to + 125
˚C
T sol
260
˚C
1. High sensitivity
( IFLH , I FHL : MAX. 1mA )
2. TTL and LSTTL compatible output
3. Operating supply voltage range
4. Various output forms
( Open collector output, pull-up resistor
built-in type, totem pole output )
5. Low output current dissipation
( ICCL : MAX. 3.8mA )
1. Computer terminals
2. High speed line receivers
3. Interfaces with various data transmission
equipment
Power dissipation
PC930 Series
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12
3
4
5
6
Amp
123
4
5
6
1 Anode
2 Cathode
3 NC
5 GND
Amp
Amp
( VCC : 4.5 to 15V,
PC930/PC931/PC932/PC933 )
Open collector
output type
Pull-up resistor
built-in type
Totem pole
output type
Low active
PC930
PC932
PC934
High active
PC931
PC933
PC935
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
6. High isolation voltage between input and
0.9 ± 0.2
1.2 ±0.3
AC for 1 minute
*2 40 to 60% RH,
5 000
7. Recognized by UL, file No. E64380
output ( Viso : 5 000V rms )
θ = 0 to 13 ˚
7.12 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
0.26 ± 0.1
7.62 ± 0.3
4 V O
6 VCC
123
4
5
6
4
5
6
123


Similar Part No. - PC933

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
PC93 TGLOBAL-PC93 Datasheet
869Kb / 1P
Non-Silicone Thermal Conductive Pad
PC93-150X150X0.5 TGLOBAL-PC93-150X150X0.5 Datasheet
869Kb / 1P
Non-Silicone Thermal Conductive Pad
PC93-150X150X1.0 TGLOBAL-PC93-150X150X1.0 Datasheet
869Kb / 1P
Non-Silicone Thermal Conductive Pad
PC93-150X150X2.0 TGLOBAL-PC93-150X150X2.0 Datasheet
869Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
More results

Similar Description - PC933

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC716V SHARP-PC716V Datasheet
62Kb / 4P
High Sensitivity, High Output Type Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com