Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK310 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # SK310
Description  3 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SK310 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  SK310 Datasheet HTML 1Page - DIOTEC Electronics Corporation SK310 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES SK302 - SK310
Data Sheet No. SBDA-302-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.15
0.25
0.35
0.45
0.55
0.65
0.75
0.1
1.0
10
2.25
0.75
1.50
3.00
3.75
0
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Case Temperature, C
o
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
1
10
100
180
150
120
90
60
3 AMP SCHOTTKY BARRIER RECTIFIERS
4.97bsbda302
NOTE 1
NOTE 2
NOTE 3
A8
0.85
(2)
(2)
(1)
(1)
(1) SK302-304
(2) SK306-310
(1) SK302-304
(2) SK306-310
(1) SK302-304
(2) SK306
(3) SK307-310
(2)
(3)
(1)
Percent of Rated Peak Reverse Voltage
0
60
80
100
120
0.001
0.01
0.1
1.0
10.0
40
140
20
NOTES
(1) Single Phase, Half Wave, 60 Hz, Resistive or Inductive
Load, 0.375" (9mm) Lead Length
(2) JEDEC Method, 8.3 mSec. Single Half Sine Wave, Tc = 95 C
(3) T = 25 C, Pulse Width = 300 Sec, 2.0% Duty Cycle
(4) Legend for Figure 4, Typical Reverse Characteristics:
o
o
J
m
SK302-306
SK307-310
30
.1
50
T = 125 C
J
o
T = 75 C
J
o
T = 25 C
J
o
NOTE 4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com