Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK310 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SK310
Description  3 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SK310 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SK310 Datasheet HTML 1Page - DIOTEC Electronics Corporation SK310 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
FEATURES
Data Sheet No. SBDA-302-1B
MECHANICAL SPECIFICATION
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
Average Forward Rectified Current @ T = 90 C (T measured on
cathode lead, 1/32 in. from case))
LL
o
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Peak Forward Surge Current ( 8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 3 Amps DC
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
SK304
SK302
RATINGS
VOLTS
AMPS
UNITS
VOLTS
VFM
IFSM
SK306
SK307
SK310
20
40
60
70
100
20
40
60
70
100
14
28
42
49
70
3
120
0.5
100
0.7
0.8
Typical Thermal Resistance, Junction to Ambient
Junction Operating Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage (Note 1)
IRM
R
qJA
TJ
TSTG
°C/W
°C
mA
Typical Junction Capacitance (Note 2)
CJ
Storage Temperature Range
pF
@T =
25 C
L
o
@ T = 100 C
L
o
0.5
20
20
250
-65 to +125
-65 to +150
4.97fsbda302
-65 +150
to
3 AMP SCHOTTKY BARRIER RECTIFIERS
Metal semiconductor junction with guard ring
Epitaxial Construction
Low forward voltage drop
High current capacity
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Case: JEDEC DO-27 molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Solderability: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 Ounces (1.12 Grams)
A7
(1) Lead temperature reference is cathode lead 1/32 in from case.
(2) Measured at 1MHz & applied reverse voltage of 4 volts
NOTES:
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
ACTUAL SIZE OF
DO-27 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
SERIES SK302 - SK310
DO-27
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B


Similar Part No. - SK310

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK310 TRSYS-SK310 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK310 DIOTEC-SK310 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
Semikron International
SK310 SEMIKRON-SK310 Datasheet
145Kb / 2P
Schottky barrier rectifiers diodes
More results

Similar Description - SK310

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5820US CDI-DIODE-1N5820US Datasheet
39Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
1N5822 CDI-DIODE-1N5822 Datasheet
36Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5822 MICROSEMI-1N5822 Datasheet
45Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
1N5820US MICROSEMI-1N5820US Datasheet
46Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
VSK340 ETC-VSK340 Datasheet
332Kb / 4P
3 Amp Schottky Barrier Rectifiers
logo
DIOTEC Electronics Corp...
1N5820 DEC-1N5820 Datasheet
381Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
SK302 DEC-SK302 Datasheet
408Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
SBDA-302-1B DEC-SBDA-302-1B Datasheet
411Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
1N5820 MICROSEMI-1N5820 Datasheet
1Mb / 8P
3 Amp Axial Schottky Barrier Rectifiers
1N5820US MICROSEMI-1N5820US_V01 Datasheet
1Mb / 8P
3 Amp SQ-MELF Schottky Barrier Rectifiers
Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com