Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB216 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB216 Datasheet HTML 1Page - Texas Instruments TUSB216 Datasheet HTML 2Page - Texas Instruments TUSB216 Datasheet HTML 3Page - Texas Instruments TUSB216 Datasheet HTML 4Page - Texas Instruments TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
TUSB216
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
RSTN
5
I
500 k
Ω PU
1.8 M
Ω PD
Device disable/enable.
Low – Device is at reset and in shutdown, and
High - Normal operation.
Recommend 0.1-µF external capacitor to GND to ensure clean
power on reset if not driven. If the pin is driven, it must be held low
until the supply voltage for the device reaches within specifications.
SCL(2)/CD
4
I/O
When RSTN asserted there is
a 500 k
Ω PD
In I2C mode:
I2C clock pin [I2C address = 0x2C].
Non I2C mode:
After reset: Output CD. Flag indicating that a USB device is attached
(connection detected). Asserted from an unconnected state upon
detection of DP or DM pull-up resistor. De-asserted upon detection
of disconnect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com