Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB216 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments TUSB216 Datasheet HTML 10Page - Texas Instruments TUSB216 Datasheet HTML 11Page - Texas Instruments TUSB216 Datasheet HTML 12Page - Texas Instruments TUSB216 Datasheet HTML 13Page - Texas Instruments TUSB216 Datasheet HTML 14Page - Texas Instruments TUSB216 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.5 TUSB216 Registers
Table 3 lists the memory-mapped registers for the TUSB216 registers. All register offset addresses not listed in
Table 3 should be considered as reserved locations and the register contents should not be modified.
Table 3. TUSB216 Registers
Offset
Acronym
Register Name
Section
0x1
EDGE_BOOST
This register is setting EDGE BOOST level.
Go
0x3
CONFIGURATION
This register is selecting device mode.
Go
0xE
DC_BOOST
This register is setting DC BOOST level.
Go
0x25
RX_SEN
This register is setting RX Sensitivity level.
Go
Complex bit access types are encoded to fit into small table cells. Table 4 shows the codes that are used for
access types in this section.
Table 4. TUSB216 Access Type Codes
Access Type
Code
Description
Read Type
RH
H
R
Set or cleared by hardware
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.5.1 EDGE_BOOST Register (Offset = 0x1) [reset = X]
EDGE_BOOST is shown in Figure 3 and described in Table 5.
Return to Summary Table.
This register is setting EDGE BOOST level.
Figure 3. EDGE_BOOST Register
7
6
5
4
3
2
1
0
ACB_LVL
RESERVED
RH/W-X
RH/W-X
Table 5. EDGE_BOOST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
ACB_LVL
RH/W
X
XXXXb (sampled at startup from BOOST pin)
0000b to 1111b range
0x0 = BOOST PIN LEVEL 0 (lowest edge boost setting)
0x3 = BOOST PIN LEVEL 1
0x6 = BOOST PIN LEVEL 2
0xA = BOOST PIN LEVEL 3
0xF = (highest edge boost setting)
3-0
RESERVED
RH/W
X
These bits are reserved bits and set by hardware at reset.
When this register is modified the software should first read these
reserved bits and rewrite with the same values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com