Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A4 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT36A4
Description  8-Bit Music Synthesizer MCU
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A4 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT36A4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
HT36A4
Rev. 1.00
11
July 2, 2003
Once the internal WDT oscillator (RC oscillator with a
period of 78
ms normally) is selected, it is first divided by
256 (8-stages) to get the nominal time-out period of ap-
proximately 20ms. This time-out period may vary with
temperature, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bit 2,1,0 of the
WDTS) can give different time-out periods. If WS2,
WS1, WS0 all equal to 1, the division ratio is up to 1:128,
and the maximum time-out period is 2.6 seconds.
If the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operate in the same
manner except that in the HALT state the WDT may stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. The
high nibble and bit 3 of the WDTS are reserved for user
defined flags, and the programmer may use these flags
to indicate some specified status.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
only the PC and SP are reset to zero. To clear the WDT
contents (including the WDT prescaler ), 3 methods are
implemented; external reset (a low level to RES), soft-
ware instructions, or a HALT instruction. The software
instructions include CLR WDT and the other set
- CLR
WDT1 and CLR WDT2. Of these two types of instruc-
tions, only one can be active depending on the mask op-
tion
-²CLR WDT times selection option².Ifthe ²CLR
WDT
² is selected (i.e. CLRWDT times equal one), any
execution of the CLR WDT instruction will clear the
WDT. In case
²CLR WDT1² and ²CLR WDT2² are cho-
sen (i.e. CLRWDT times equal two), these two instruc-
tions must be executed to clear the WDT; otherwise, the
WDT may reset the chip because of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by a HALT instruction and
results in the following...
· The system oscillator will turn off but the WDT oscilla-
tor keeps running (If the WDT oscillator is selected).
Watchdog Timer
- WDT
· The contents of the on-chip RAM and registers remain
unchanged
· The WDT and WDT prescaler will be cleared and
starts to count again (if the clock comes from the WDT
oscillator).
· All I/O ports maintain their original status.
· The PD flag is set and the TO flag is cleared.
· The HALT pin will output a high level signal to disable
the external ROM.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². By examining the TO and PD flags,
the cause for a chip reset can be determined. The PD flag
is cleared when there is a system power-up or by execut-
ing the CLR WDT instruction and it is set when a HALT in-
struction is executed. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the PC and SP, the others remain in their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake-up the
device by mask option. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If awakening from an interrupt, two sequences
may occur. If the related interrupts is disabled or the in-
terrupts is enabled but the stack is full, the program will
resume execution at the next instruction. If the interrupt
is enabled and the stack is not full, a regular interrupt re-
sponse takes place.
Once a wake-up event occurs, it takes 1024 tSYS (sys-
tem clock period) to resume to normal operation. In
other words, a dummy cycle period will be inserted after
the wake-up. If the wake-up results from an interrupt ac-
knowledge, the actual interrupt subroutine will be de-
layed by one more cycle. If the wake-up results in next
instruction execution, this will execute immediately after
a dummy period has finished. If an interrupt request flag
is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be disabled.
To minimize power consumption, all I/O pins should be
carefully managed before entering the HALT status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com