Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36A4 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36A4
Description  8-Bit Music Synthesizer MCU
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A4 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36A4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pad Description
Pad Name
I/O
Internal
Connection
Function
PA0~PA7
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
VSSA
¾¾
Negative power supply of DAC, ground
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
VDDA
¾¾
DAC power supply
TEST
¾¾
No connection (open)
AUD
O
¾
Audio output for driving a external transistor or for driving HT82V733
RES
I
¾
Reset input, active low
OSC1
OSC2
I
O
¾
OSC1 and OSC2 are connected to an RC network or a crystal (by mask option)
for the internal system clock. In the case of RC operation, OSC2 is the output ter-
minal for 1/8 system clock. The system clock may come from the crystal, the two
pins cannot be floating.
Absolute Maximum Ratings
Supply Voltage ............................ VSS
-0.3V to VSS+6V
Storage Temperature ..........................
-50°Cto125°C
Input Voltage ............................ VSS
-0.3V to VDD+0.3V
Operating Temperature .........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
3
5
V
IDD
Operating Current
5V
No load
fOSC=8MHz
¾
816
mA
ISTB
Standby Current (WDT Disabled)
5V
No load
System HALT
¾
1
¾mA
IOL
I/O Ports Sink Current
5V
VOL=0.5V
9.7
16.2
¾
mA
IOH
I/O Ports Source Current
5V
VOH=4.5V
-5.2
-8.7
¾
mA
RPH
Pull-High Resistance of I/O Ports
5V
VIL=0V
11
22
44
k
W
VIH1
Input High Voltage for I/O Ports
5V
¾
3.5
¾
5V
VIL1
Input Low Voltage for I/O Ports
5V
¾
0
¾
1.5
V
VIH2
Input High Voltage (RES)5V
¾¾
4
¾
V
VIL2
Input Low Voltage (RES)5V
¾¾
2.5
¾
V
HT36A4
Rev. 1.00
3
July 2, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com