Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U236-000-R Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U236-000-R
Description  USB 2.0 Ethernet NIC Adapter, 10/100 Mbps - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U236-000-R Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U236-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Quick Start Guide
q
OVERVIEW
UPC Code
037332163127
INPUT
Bus Powered
Yes
Product Length (in.)
7.5
PHYSICAL
Shipping Dimensions (hwd / in.)
0.50 x 5.20 x 5.30
Shipping Weight (lbs.)
0.10
Unit Packaging Type
Box
Unit Dimensions (hwd / in.)
0.6 x 2.6 x 0.9
Unit Weight (lbs.)
0.05
Unit Weight (kg)
0.02
Material of Construction
ABS, PVC
Color
Black
Cable Jacket Rating
VW-1
ENVIRONMENTAL
Operating Temperature Range
32 to 158 F (0 to 70 C)
Storage Temperature Range
14 to 176 F (-10 to 80 C)
Relative Humidity
10% to 90 % RH, Non-Condensing
BTUs
2.6 BTU/Hr
Power Consumption (Watts)
0.75
COMMUNICATIONS
Network Speed
10/100 Mbps
IEEE Standards Supported
802.3; 802.3ab; 802.3az; 802.3u; 802.3x
CONNECTIONS
Side A - Connector 1
USB A (MALE)
Side B - Connector 1
RJ45 (FEMALE)
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com