Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U236-000-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U236-000-R
Description  USB 2.0 Ethernet NIC Adapter, 10/100 Mbps - Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U236-000-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U236-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U236-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB 2.0 Ethernet NIC Adapter, 10/100 Mbps -
Black
MODEL NUMBER: U236-000-R
Connects your USB-enabled computer or laptop to a 10/100 Mbps Ethernet network without installing an
internal Ethernet card.
Features
Connects Your USB Device to a Wired Ethernet Network without an Internet Card InstalledThis
USB to Ethernet adapter allows you to instantly connect your computer, laptop, tablet or other USB-
compatible device to a wired 10/100 Mbps Ethernet network, even if your device has no NIC (Network
Interface Controller) installed. The adapter is a more convenient, less expensive way to go online than
opening your device and installing an internal Ethernet card.
Plug and Play with No Power Supply NeededThis USB 2.0 Ethernet adapter offers access to an
Ethernet network when Wi-Fi is unavailable or when a wired connection offers faster speeds. Just connect
the built-in USB cable to your device’s USB port (which also powers the adapter), and wait for the
installation process to finish (you may have to reboot your computer). Then, connect the RJ45 port to a
LAN port using a Cat5e/6 network cable (such as Tripp Lite’s N201-Series Cat6 UTP patch cable, sold
separately). The adapter works with Windows, Mac and Linux operating systems. It is backward
compatible with USB 1.1 devices.
Delivers Full Ethernet PerformanceThe compact USB to Ethernet adapter supports full 10/100 Mbps
network speeds and USB 2.0 speeds, allowing you to transfer data quickly and stream audio and video.
It’s compliant with IEEE 802.3, 802.3u, 802.3ab and 802.3az standards. It supports full duplex with IEEE
802.3x flow control and half duplex with backpressure flow control. LEDs indicate successful data
transfers.
Highlights
Connects you to a wired
Ethernet network when Wi-Fi is
weak or unavailable
q
Supports USB 2.0 speeds to
ensure efficient data transfers
q
Sustains full 10/100 Mbps
network speeds for fast Ethernet
browsing
q
Works with most laptops and
PCs running Windows, Mac or
Linux
q
USB 2.0 Ethernet adapter
powered via USB, so no
external power supply is
required
q
Applications
Upload data from your notebook
or download data from the
Ethernet at true 10/100 Mbps
speeds
q
Replace a malfunctioning RJ45
port or Ethernet card on your
laptop or PC
q
System Requirements
IBM-compatible Pentium PC or
Mac with 233 MHz or faster
q
64 MB RAM or more
q
Computer or laptop with USB
port
q
Windows (through 10), Mac
(through 10.10/10.11) or Linux
Kernel (2.6.14 and later) OS
q
Package Includes
U236-000-R USB 2.0 Ethernet
NIC Adapter
q
Driver CD
q
1 / 3


Similar Part No. - U236-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U236-000-GBW TRIPPLITE-U236-000-GBW Datasheet
161Kb / 3P
USB 2.0 to Gigabit Ethernet NIC Network Adapter, 10/100/1000 Mbps, White
More results

Similar Description - U236-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U236000GBW TRIPPLITE-U236000GBW Datasheet
477Kb / 2P
USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
U336000GBW TRIPPLITE-U336000GBW Datasheet
477Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
U336000R TRIPPLITE-U336000R Datasheet
483Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps
U436-06N-G-C TRIPPLITE-U436-06N-G-C Datasheet
497Kb / 2P
USB 3.1 Gen 1 USB-C to Gigabit Ethernet NIC Network Adapter with USB-C Charging Port, 10/100/1000 Mbps, White
U336-000-GBW TRIPPLITE-U336-000-GBW Datasheet
163Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, White
U336-000-R TRIPPLITE-U336-000-R Datasheet
165Kb / 3P
USB 3.0 to Gigabit Ethernet NIC Network Adapter - 10/100/1000 Mbps, Black
U236-000-GBW TRIPPLITE-U236-000-GBW Datasheet
161Kb / 3P
USB 2.0 to Gigabit Ethernet NIC Network Adapter, 10/100/1000 Mbps, White
U236-MMF-LC TRIPPLITE-U236-MMF-LC Datasheet
163Kb / 3P
USB 2.0 Ethernet NIC Adapter - 10/100 Mbps, 100Base-FX, LC, Multimode Fiber, Black
U236-SMF-LC TRIPPLITE-U236-SMF-LC Datasheet
163Kb / 3P
USB 2.0 Ethernet Adapter - 10/100 Mbps, 100Base-FX, LC, Singlemode Fiber, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com