Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U244-001-R Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # U244-001-R
Description  USB 2.0 to DVI/VGA External Multi-Monitor Video Card, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U244-001-R Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  U244-001-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U244-001-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U244-001-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
ENVIRONMENTAL
Operating Temperature Range
50 to 104 F (10 to 40 C)
Storage Temperature Range
-4 to 158 F (-20 to 70 C)
Relative Humidity
0% to 85% RH, Non-Condensing
CONNECTIONS
Ports
1
Side A - Connector 1
USB A (MALE)
Side B - Connector 1
DVI-I (FEMALE)
Connector Plating
Nickel
FEATURES & SPECIFICATIONS
Max Supported Video Resolution
1920 x 1080 (1080p) @60Hz
USB Specification
USB 2.0 (up to 480 Mbps)
Driver Required
Yes
Technology
DVI; USB; USB 2.0 (High Speed); VGA/SVGA
CERTIFICATIONS
Certifications
Tested to CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com