Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U244-001-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U244-001-R
Description  USB 2.0 to DVI/VGA External Multi-Monitor Video Card, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U244-001-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U244-001-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U244-001-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U244-001-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB 2.0 to DVI/VGA External Multi-Monitor Video
Card, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60
Hz
MODEL NUMBER: U244-001-R
Connect a DVI or VGA monitor or projector to the USB 2.0 port of your computer or laptop. Use up to 6
adapters to connect up to 6 additional displays to a source. Ideal for multitasking, presentations and
editing documents.
Description
The U244-001-R USB 2.0 to DVI/VGA External Multi-Monitor Video Card displays video on a DVI or VGA
monitor or projector via your computer or laptop’s USB 2.0 port. You can extend video from your primary
display to another, duplicate the same video on both displays or change the second display to your
primary display. The adapter is an ideal tool for multitasking, viewing large spreadsheets, editing
documents, giving presentations at trade shows or watching movies and playing games on large screens.
You can add up to six U244-001-R external video graphics card adapters, each attached to its own USB
2.0 port, to connect a total of seven displays to the video source. Adding or removing a monitor is
easy—no need to reboot the system afterward. No external power supply is necessary. First, install the
drivers using the included CD. Then, connect the adapter to the display and the source using a DVI or
VGA cable and the included USB 2.0 cable, respectively. A DVI-to-VGA adapter is also included for
connecting to a VGA cable.
The U244-001-R supports high-definition video resolutions up to 1920 x 1080 (1080p) @ 60hz and
features 128 MB DDR SDRAM of memory. Compatible with 32- and 64-bit Windows 7 and later, as well
as 32- and 64-bit Intel Mac OS X 10.8.3 and later / Mac 10.11. The adapter also works with Surface
tablets running Windows 8 Pro or later / Windows 10.
Features
Easy to Add Displays
Extend video to a second monitor, duplicate the same video on both monitors, or make the second
q
Highlights
Extend video to a second
display or duplicate one video
on both
q
Add up to 6 adapters to connect
a total of 7 displays
q
No external power supply
needed
q
Supports HD video resolutions
up to 1920 x 1080 (1080p) @
60hz
q
Compatible with Windows 10
and Mac 10.11 computers
q
Compatible with Ubuntu 14.04.2
q
System Requirements
Computer with USB 2.0 port
q
VGA or DVI monitor
q
Windows 7 or later, Windows 10
(32- or 64-bit), Intel Mac OS X
10.8.3 or later, Mac 10.11 (32-
or 64-bit) or Surface tablet
running non-RT Windows 8 or
8.1
q
Package Includes
U244-001-R USB 2.0 to
DVI/VGA External Multi-Monitor
Video Card
q
DVI-to-VGA adapter
q
USB cable, 3 ft.
q
Quick Start Guide
q
Driver CD with Owner’s Manual
q
1 / 3


Similar Part No. - U244-001-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U244-001-VGA TRIPPLITE-U244-001-VGA Datasheet
511Kb / 2P
USB 2.0 to VGA Dual/Multi-Monitor External Video Graphics Card Adapter w/Built-In USB Cable, 128
U244-001-VGA-R TRIPPLITE-U244-001-VGA-R Datasheet
178Kb / 3P
USB 2.0 to VGA Dual-Monitor Adapter, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60 Hz
More results

Similar Description - U244-001-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U244001HDMIR TRIPPLITE-U244001HDMIR Datasheet
530Kb / 2P
USB 2.0 to HDMI Dual or Multi Monitor External Video Graphics Card Adapter, 128 MB SDRAM - 1920x1200,1080p
U244-001-VGA TRIPPLITE-U244-001-VGA Datasheet
511Kb / 2P
USB 2.0 to VGA Dual/Multi-Monitor External Video Graphics Card Adapter w/Built-In USB Cable, 128
B155-002-DVI-V2 TRIPPLITE-B155-002-DVI-V2 Datasheet
506Kb / 3P
2-Port Mini DisplayPort 1.2 to DVI Multi-Stream Transport (MST) Hub, 1920 x 1080 (1080p)
B156-002-DVI-V2 TRIPPLITE-B156-002-DVI-V2 Datasheet
510Kb / 3P
2-Port DisplayPort 1.2 to DVI Multi-Stream Transport (MST) Hub, 1920 x 1080 (1080p)
B021-000-19-HD2 TRIPPLITE-B021-000-19-HD2 Datasheet
175Kb / 4P
1U Rack-Mount Console with 19 in. LCD, 1920 x 1080 (1080p), DVI or VGA Video, TAA
U444-06N-VB-C TRIPPLITE-U444-06N-VB-C Datasheet
163Kb / 3P
USB-C to VGA Adapter with PD Charging - USB 3.1 Gen 1, 1920 x 1080 (1080p), Thunderbolt 3, Black
U444-06N-DVI-AM TRIPPLITE-U444-06N-DVI-AM Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DVI Adapter (M/F), Thunderbolt 3 Compatible, 1920 x 1080 (1080p)
U344-001-HD-4K TRIPPLITE-U344-001-HD-4K Datasheet
168Kb / 3P
USB 3.0 SuperSpeed to HDMI Dual-Monitor External Video Graphics Card Adapter, 512 MB SDRAM, 4K x 2K
U244-001-VGA-R TRIPPLITE-U244-001-VGA-R Datasheet
178Kb / 3P
USB 2.0 to VGA Dual-Monitor Adapter, 128 MB SDRAM, 1920 x 1080 (1080p) @ 60 Hz
logo
IOGEAR
GUC3020DW6 IOGEAR-GUC3020DW6 Datasheet
168Kb / 3P
USB 3.0 to DVI/HDMI/VGA External Video Card
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com