Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9701F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9701F
Description  Gigabit Ethernet PHY Transceiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9701F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9701F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9701F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9701F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DM9701F
Gigabit Ethernet PHY Transceiver
3
Additional Features:
•
Supports CAT-5 UTP for 1000BASE-T and
100BASE-TX, and CAT-3 and CAT-5 UTP for
10BASE-T
•
125 MHz free-running clock output
•
Low-jitter PLL
•
Enhanced testability (such as JTAG and Loopback)
•
Interrupt support
•
Analog network interface to common magnetic for
10/100/1000 Mbps operation
•
Standard 0.15-micron digital CMOS process
•
3.3 and 1.5V voltage supplies
128-pin PQFP package
PDF created with FinePrint pdfFactory trial version http://www.pdffactory.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com