Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9701F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM9701F
Description  Gigabit Ethernet PHY Transceiver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9701F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM9701F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9701F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9701F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM9701F
Gigabit Ethernet PHY Transceiver
1
Gigabit Copper Ethernet Transceiver
The Davicom DM9701F is a standalone, low-power
10BASE-T/100BASE-TX/1000BASE-T Gigabit Ethernet
physical layer (PHY) transceiver that is fully compliant
with the IEEE 802.3 and 802.3ab standards.
The PHY is implemented using an advanced DSP
architecture that delivers superior performance and
noise immunity.
The DM9701F includes an internal hybrid, and can be
connected to a CAT-5 UTP or CAT-3 UTP
(10 Mbps only)cable through common magnetics.
It also supports several Ethernet MAC interfaces,
including the standard IEEE Medium Independent
Interface (GMII/MII), RGMII (which is a reduced 12-pin
version of the 25-pin GMII), Ten Bit Interface (TBI), and
the Reduced TBI (RTBI).
Several power management modes are incorporated
into the DM9701F to reduce power consumption,
including Wake-on-LAN, energy detect power-down, and
Power Optimizer TM functions. The Power Optimizer TM
function enables the PHY to automatically optimize
power consumption based on the operating mode
and cable quality.
The DM9701F is fully compliant with the IEEE 802.3
standard for auto-negotiation and also includes support
for the Speed Optimizer TM function. Speed Optimizer
TM maximizes throughput by examining the quality of
the cable and establishing the maximum speed that the
link can reliability support.
In addition to this feature, the DM9701F includes a
Cable Length Estimator function that provides first-level-
cable diagnostics.
Key Features:
•
Fully standard compliant with:
IEEE 802.3ab 1000BASE-T
IEEE 802.3u (Fast Ethernet)
ISO 802-3/IEEE 802.3 (10BASE-T)
•
Full auto-negotiation
•
Half- and Full-duplex operation
•
MAC Interface options: GMII, MII, RGMII,
•
TBI, and RTBI
•
Auto Crossover detection for all modes
•
Auto detection and correction of pair swap
•
(complete or half swap), and polarity
•
Jumbo packet support
•
Speed Optimizer mechanism
•
Power Optimizer function
•
Energy detect power-down
•
Cable diagnostics function
•
Internal hybrid
•
Low power consumption (1.5 watts)
PDF created with FinePrint pdfFactory trial version http://www.pdffactory.com


Similar Part No. - DM9701F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
digital panel meters
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000A DAVICOM-DM9000A Datasheet
544Kb / 60P
Ethernet Controller with General Processor Interface
More results

Similar Description - DM9701F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201B TI-TNETE2201B Datasheet
256Kb / 19P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
Gigabit Ethernet Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
Gigabit Ethernet Transceiver Macrocell
March 2000
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Agilent(Hewlett-Packard...
HDMP-1636 HP-HDMP-1636 Datasheet
325Kb / 15P
Gigabit Ethernet Transceiver Chip
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
1.25-GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
SERDES Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com