Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMUDSC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DMUDSC
Description  Under-Desk Clamp-On Storage Tray with Built-In Mouse Pad and Wrist Rest
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMUDSC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DMUDSC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMUDSC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Right-Angle Outlets
No
INPUT
Right-Angle Plug
No
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Color
Black
Housing Color
Black
Material of Construction
Plastic
Receptacle Color
Black
Shipping Dimensions (hwd / in.)
8.10 x 3.00 x 14.30
Shipping Weight (kg)
1.22
Unit Dimensions (hwd / cm)
35 x 19 x 3
Unit Dimensions (hwd / in.)
13.7 x 7.5 x 1.2
Unit Weight (kg)
0.95
Unit Weight (lbs.)
2.1
FEATURES & SPECIFICATIONS
Cord Management
No
CERTIFICATIONS
Approvals
RoHS
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com