Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMUDSC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DMUDSC
Description  Under-Desk Clamp-On Storage Tray with Built-In Mouse Pad and Wrist Rest
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DMUDSC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DMUDSC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DMUDSC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Under-Desk Clamp-On Storage Tray with Built-In
Mouse Pad and Wrist Rest
MODEL NUMBER: DMUDSC
Swiveling tray with built-in mouse pad holds pens and other essential office supplies and slides away
under your desk when not in use.
Features
Keep Essential Office Supplies Within Reach Without Taking Up Desk Space
This convenient storage tray clamps below the surface of your desk to keep your work area refreshingly
clear of office clutter. The DMUDSC features three recessed storage bins to hold coins, paper clips, pins,
staples, Post-Its and other essential office supplies. By keeping these essential supplies under your desk,
you can keep your work surface looking clean and professional, while still stashing your pens and pencils
within easy reach.
Built-In Mouse Pad Helps You Surf the Web in Comfort
A generously sized mouse pad with a smooth-glide surface and soft wrist rest fits most standard mice.
The mouse pad swivels to either side to accommodate both right- and left-hand users. The entire unit
rotates 360 degrees and swivels out of sight beneath the desk surface when not in use.
Easy to Install with No Tools Needed
The DMUDSC clamps to flat surfaces up to 2.2 inches thick and supports up to 6.6 pounds. No hardware
or tools are required.
Highlights
Stores supplies beneath your
desk surface to keep your work
area clear of clutter
q
Clamps to desk at a comfortable
height and angle for ergonomic
arm/hand placement
q
Rotates 360° to swivel under
desk out of sight and out of the
way when not in use
q
Mouse pad with smooth-glide
surface and wrist rest
accommodates either hand
q
Easy to install to flat surface up
to 2.2 in. thick with no tools or
hardware needed
q
Applications
Keep pens, Post-Its, paper clips
and other essential office
supplies within easy reach, but
off the surface of your
workspace
q
Use ergonomically placed
mouse for work or casual
computer use in comfort
q
Package Includes
DMUDSC Under-Desk Clamp-
On Storage Tray
q
Owner’s manual
q
OVERVIEW
UPC Code
037332249180
OUTPUT
1 / 2


Similar Part No. - DMUDSC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DMU-3010-AE ADVANTECH-DMU-3010-AE Datasheet
248Kb / 1P
8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
logo
Murata Manufacturing Co...
DMU-30ACV MURATA-DMU-30ACV Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30ACV-0-DR-C MURATA-DMU-30ACV-0-DR-C Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
DMU-30ACV-1-DR-C MURATA-DMU-30ACV-1-DR-C Datasheet
142Kb / 3P
Ruggedized True-rms ac Voltmeters with Daylight Readable, Auto-Dimming LED Displays
More results

Similar Description - DMUDSC

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6084 POMONA-6084 Datasheet
38Kb / 1P
Metal Wrist Strap with Clip and Cord, ESD
logo
Tripp Lite. All Rights ...
DDR0310SC TRIPPLITE-DDR0310SC Datasheet
489Kb / 2P
Full Motion Universal Tablet and Phone Desk Clamp
logo
Rohm
BS2100F ROHM-BS2100F Datasheet
838Kb / 19P
Built-in Under Voltage Lockout for Both Channels
logo
Tripp Lite. All Rights ...
DDR0710SC TRIPPLITE-DDR0710SC Datasheet
508Kb / 2P
Full-Motion Universal Tablet Desk Clamp for 7 in. to 10 in. Tablets
DDR1013SC TRIPPLITE-DDR1013SC Datasheet
473Kb / 2P
Full Motion Universal Tablet Desk Clamp
logo
Isahaya Electronics Cor...
VLA559-01R ISAHAYA-VLA559-01R Datasheet
1Mb / 13P
Built in collector clamp circuit
logo
Tripp Lite. All Rights ...
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
DDR1732SC TRIPPLITE-DDR1732SC Datasheet
164Kb / 3P
Single-Display Monitor Arm with Desk Clamp and Grommet - Height Adjustable, 17??to 32??Monitors
logo
List of Unclassifed Man...
ID0166 ETC-ID0166 Datasheet
481Kb / 1P
3-in-1 Corner Wrist Rest
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com