Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L51 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 2 Page - Cirrus Logic

  CS42L51 Datasheet HTML 1Page - Cirrus Logic CS42L51 Datasheet HTML 2Page - Cirrus Logic CS42L51 Datasheet HTML 3Page - Cirrus Logic CS42L51 Datasheet HTML 4Page - Cirrus Logic CS42L51 Datasheet HTML 5Page - Cirrus Logic CS42L51 Datasheet HTML 6Page - Cirrus Logic CS42L51 Datasheet HTML 7Page - Cirrus Logic CS42L51 Datasheet HTML 8Page - Cirrus Logic CS42L51 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
2
DS679A2
CS42L51
SYSTEM FEATURES
! 24-bit Converters
! 4 kHz to 96 kHz Sample Rate
! Multi-bit Delta Sigma Architecture
! Low Power Operation
–
Stereo Playback: 12.93 mW @ 1.8 V
–
Stereo Record and Playback: 20.18 mW @
1.8 V
! Variable Power Supplies
–
1.8 V to 2.5 V Digital & Analog
–
1.8 V to 3.3 V Interface Logic
! Power Down Management
–
ADC, DAC, CODEC, MIC Pre-Amplifier,
PGA
! Software Mode (I²C & SPI
™ Control)
! Hardware Mode (Stand-Alone Control)
! Digital Routing/Mixes:
–
Analog Out = ADC + Digital In
–
Digital Out = ADC + Digital In
–
Internal Digital Loopback
–
Mono Mixes
! Flexible Clocking Options
–
Master or Slave Operation
–
High-Impedance Digital Output Option (for
easy MUXing between CODEC and Other
Data Sources)
–
Quarter-Speed Mode - (i.e. Allows 8 kHz Fs
while maintaining a flat noise floor up to
16 kHz)
APPLICATIONS
! HDD & Flash-Based Portable Audio Players
! MD Players/Recorders
! PDAs
! Personal Media Players
! Portable Game Consoles
! Digital Voice Recorders
! Digital Camcorders
! Digital Cameras
! Smart Phones
GENERAL DESCRIPTION
The CS42L51 is a highly integrated, 24-bit, 96 kHz, low
power stereo CODEC. Based on multi-bit, delta-sigma
modulation, it allows infinite sample rate adjustment be-
tween 4 kHz and 96 kHz. Both the ADC and DAC offer
many features suitable for low power, portable system
applications.
The ADC input path allows independent channel control
of a number of features. An input multiplexer selects be-
tween line-level or microphone level inputs for each
channel. The microphone input path includes a select-
able programmable-gain pre-amplifier stage and a low
noise MIC bias voltage supply. A PGA is available for
line or microphone inputs and provides analog gain with
soft ramp and zero cross transitions. The ADC also fea-
tures a digital volume attenuator with soft ramp
transitions. A programmable ALC and Noise Gate mon-
itor the input signals and adjust the volume levels
appropriately.
The DAC output path includes a digital signal process-
ing engine. Tone Control provides bass and treble
adjustment of four selectable corner frequencies. The
Mixer allows independent volume control for both the
ADC mix and the PCM mix, as well as a master digital
volume control for the analog output. All volume level
changes may be configured to occur on soft ramp and
zero cross transitions. The DAC also includes de-em-
phasis, limiting functions and a beep generator
delivering tones selectable across a range of two full
octaves.
The stereo headphone amplifier is powered from a sep-
arate positive supply and the integrated charge pump
provides a negative supply. This allows a ground-cen-
tered analog output with a wide signal swing and
eliminates external DC-blocking capacitors.
In addition to its many features, the CS42L51 operates
from a low-voltage analog and digital core, making this
CODEC ideal for portable systems that require ex-
tremely low power consumption in a minimal amount of
space.
The CS42L51 is available in a 32-pin QFN package in
both Commercial (-10 to +70° C) and Automotive
grades (-40 to +85° C). The CDB42L51 Customer Dem-
onstration board is also available for device evaluation
and implementation suggestions. Please see “Ordering
Information” on page 81 for complete details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com