Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L51 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42L51
Description  Low Power, Stereo CODEC with Headphone Amp
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42L51 Datasheet HTML 17Page - Cirrus Logic CS42L51 Datasheet HTML 18Page - Cirrus Logic CS42L51 Datasheet HTML 19Page - Cirrus Logic CS42L51 Datasheet HTML 20Page - Cirrus Logic CS42L51 Datasheet HTML 21Page - Cirrus Logic CS42L51 Datasheet HTML 22Page - Cirrus Logic CS42L51 Datasheet HTML 23Page - Cirrus Logic CS42L51 Datasheet HTML 24Page - Cirrus Logic CS42L51 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
DS679A2
21
CS42L51
Notes:
15. After powering up the CS42L51, RESET should be held low after the power supplies and clocks are set-
tled.
16. See “Example System Clock Frequencies” on page 75 for typical MCLK frequencies.
17. See “Master” on page 38.
Master Mode (Note 17)
Output Sample Rate (LRCK)
All Speed Modes
Fs
-Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
SCLK Rising Edge to SDOUT Output Delay
td
-s
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-40
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
30
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns
SDIN Setup Time Before SCLK Rising Edge
ts(SD-SK)
20
-
ns
SDIN Hold Time After SCLK Rising Edge
th
20
-
ns
Parameters
Symbol
Min
Max
Units
th(SK-SDO)
//
//
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB
MSB-1
MSB-1
LRCK
SCLK
SDOUT
SDIN
td(MSB)
ts(LK-SK)
tP
th
ts(SDO-SK)
Figure 4. Serial Audio Interface Slave Mode Timing
MCLK
128
-----------------
1
MCLK
-----------------
th(SK-SDO)
//
//
//
//
//
//
//
//
ts(SD-SK)
MSB
MSB
MSB-1
MSB-1
LRCK
SCLK
SDOUT
SDIN
td(MSB)
tP
th
ts(SDO-SK)
Figure 6. Serial Audio Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com