Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3301
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3301 Datasheet HTML 1Page - Cirrus Logic CS3301 Datasheet HTML 2Page - Cirrus Logic CS3301 Datasheet HTML 3Page - Cirrus Logic CS3301 Datasheet HTML 4Page - Cirrus Logic CS3301 Datasheet HTML 5Page - Cirrus Logic CS3301 Datasheet HTML 6Page - Cirrus Logic CS3301 Datasheet HTML 7Page - Cirrus Logic CS3301 Datasheet HTML 8Page - Cirrus Logic CS3301 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS3301
Low-noise, Programmable Gain, Differential Amplifier
Features & Desription
Signal Bandwidth: DC to 2 kHz
Selectable Gain: x1, x2, x4, x8, x16, x32, x64
Differential Inputs, Differential Outputs
• Multiplexed inputs: INA, INB, 800
Ω termination
• Rough / fine charge outputs for CS5371/72
• Max signal amplitude: 5 Vpp differential
• Low input bias: 500 pA
Outstanding Noise Performance
•0.20
µVp-p between 0.1 Hz and 10 Hz
• 8.5
from 0.1 Hz to 2 kHz
Low Total Harmonic Distortion
• -118 dB THD typical (0.000126%)
• -112 dB THD maximum (0.000251%)
Low Power Consumption
• Normal/LPWR/PWDN: 5.5 mA, 3.5 mA, 10
µA
Single or Dual Power Supply Configurations
• VA+ = +5 V; VA- = 0 V;
VD = +3.3 V to +5 V
• VA+ = +2.5 V;VA- = -2.5 V;VD = +3.3 V
Description
The CS3301 is a low-noise differential input, differential
output amplifier with programmable gain, optimized for
amplifying signals from low-impedance sensors such as
geophones. The gain settings are binary weighted (x1,
x2, x4, x8, x16, x32, x64) and are selected using simple
pin settings. Two sets of external inputs, INA and INB,
simplify system design as inputs from a sensor and test
DAC. An internal 800
Ω termination can also be selected
for noise tests.
Amplifier noise performance is outstanding with a noise
density of 8.5
over the 0.1 Hz to 2 kHz band-
width. Distortion performance is also extremely good,
typically -118 dB THD. Flat noise down to 0.1 Hz and
low total harmonic distortion make this amplifier ideal for
low-frequency, low-amplitude, differential signals requir-
ing maximum dynamic range.
ORDERING INFORMATION
See page 15.
nV/ Hz
nV/ Hz
INA+
INB+
MUX0
MUX1
INB-
INA-
VA+
VA-
VD
DGND
CLK
OUTR+
OUTF+
GAIN0
GAIN1
GAIN2
OUTF-
OUTR-
LPWR
PWDN
+
-
-
+
500
Ω
500
Ω
500
Ω
500
Ω
SEP ‘05
DS595F2
680
680
680
680


Similar Part No. - CS3301

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-IS CIRRUS-CS3301-IS Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-ISZ CIRRUS-CS3301-ISZ Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
logo
List of Unclassifed Man...
CS330125 ETC-CS330125 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Cirrus Logic
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
More results

Similar Description - CS3301

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com