Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA8550 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTA8550
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA8550 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTA8550 Datasheet HTML 1Page - First Silicon Co., Ltd FTA8550 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTA8550
2011. 07. 22
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
3. COLLECTOR
2. BASE
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
FTA8550
TRANSISTOR (PNP)
FEATURE
Excellent hFE Linearity
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-500
mA
PC
Collector Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Junction and Storage Temperature
-55-150
℃
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -100uA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100uA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-0.1
uA
Collector cut-off current
ICEO
VCE= -20V, IB=0
-0.1
uA
Emitter cut-off current
IEBO
VEB= - 3V, IC=0
-0.1
uA
hFE(1)
VCE= -1V, IC= -50mA
85
400
DC current gain
hFE(2)
VCE= -1V, IC= -500mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-1.2
V
Transition frequency
fT
VCE=- 6V, IC=-20mA,
f =30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
3
D
D
C
B
Range
85-160
120-200
160-300
300-400


Similar Part No. - FTA8550

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTA8550H FS-FTA8550H Datasheet
289Kb / 4P
General Purpose Transistors PNP Silicon
FTA8550S FS-FTA8550S Datasheet
217Kb / 3P
General Purpose Transistors PNP Silicon
FTA8550SPLT1G FS-FTA8550SPLT1G Datasheet
217Kb / 3P
General Purpose Transistors PNP Silicon
FTA8550SQLT1G FS-FTA8550SQLT1G Datasheet
217Kb / 3P
General Purpose Transistors PNP Silicon
More results

Similar Description - FTA8550

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com