Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTA8550 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA8550
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA8550 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA8550 Datasheet HTML 1Page - First Silicon Co., Ltd FTA8550 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FTA8550
2011. 07. 22
2/2
Revision No : 0
Typical Characterisitics
-0
-2
-4
-6
-8
-10
-12
-0
-300
-600
-900
-1200
-1
-10
-100
0
0
1
-
0
1
-
1
-
10
100
0
1
-
1
-
1
.
0
-
1
10
0
25
50
75
100
125
150
0
125
250
375
500
625
750
0
0
1
-
0
1
-
1
-
-400
-800
-1200
0
0
1
-
0
1
-
1
-
-10
-100
0
0
1
-
0
1
-
1
-
10
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
COMMON
EMITTER
T
a=25
℃
-400uA
-360uA
-320uA
-280uA
-240uA
-200uA
-160uA
-120uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
B=-40uA
-80uA
-0
-500
V
BE
I
C
——
COMMON EMITTER
V
CE=-1V
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
COMMON EMITTER
V
CE=-6V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
400
-20
V
CB/VEB
C
ob/Cib
——
REVERSE VOLTAGE V (V)
C
ib
C
ob
f=1MHz
I
E=0/IC=0
T
a=25
℃
50
Static Characteristic
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
f
T
——
-500
T a=1
00 ℃
T a=2
5℃
β=10
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
-500
β=10
T a=
25
℃
T a=
100
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-1V
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
h
FE
——
I
C
500
-500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com