Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5342 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5342 Datasheet HTML 4Page - Cirrus Logic CS5342 Datasheet HTML 5Page - Cirrus Logic CS5342 Datasheet HTML 6Page - Cirrus Logic CS5342 Datasheet HTML 7Page - Cirrus Logic CS5342 Datasheet HTML 8Page - Cirrus Logic CS5342 Datasheet HTML 9Page - Cirrus Logic CS5342 Datasheet HTML 10Page - Cirrus Logic CS5342 Datasheet HTML 11Page - Cirrus Logic CS5342 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS5342
8
DS608PP2
Figure 1. Single Speed Stopband Rejection
Figure 2. Single Speed Stopband Rejection (detail)
Figure 3. Single Speed Transition Band (detail)
Figure 4. Single Speed Passband Ripple
Figure 5. Double Speed Stopband Rejection
Figure 6. Double Speed Stopband Rejection (detail)
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.0
0 .1
0.2
0 .3
0.4
0 .5
0.6
0 .7
0.8
0 .9
1.0
Fr e que ncy (norm aliz e d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
Fr e q ue n cy (no r m aliz e d to Fs )
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0 .45
0.4 6
0.47
0.48
0.49
0.5
0 .51
0 .52
0 .53
0 .54
0 .55
Fr e que ncy (n or m aliz e d to Fs )
-0 .10
-0 .0 8
-0 .0 6
-0 .0 4
-0 .0 2
0.00
0.02
0.04
0.06
0.08
0.10
0
0 .0 5
0 .1
0 .15
0 .2
0 .2 5
0 .3
0 .3 5
0 .4
0 .4 5
0 .5
Fr e que ncy (n or m aliz e d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.0
0 .1
0.2
0 .3
0.4
0 .5
0.6
0 .7
0.8
0 .9
1.0
Fr e que ncy (norm aliz e d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
0.60
Fr e q ue n cy (no r m aliz e d to Fs )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com