Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5342 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5342 Datasheet HTML 14Page - Cirrus Logic CS5342 Datasheet HTML 15Page - Cirrus Logic CS5342 Datasheet HTML 16Page - Cirrus Logic CS5342 Datasheet HTML 17Page - Cirrus Logic CS5342 Datasheet HTML 18Page - Cirrus Logic CS5342 Datasheet HTML 19Page - Cirrus Logic CS5342 Datasheet HTML 20Page - Cirrus Logic CS5342 Datasheet HTML 21Page - Cirrus Logic CS5342 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
CS5342
22
DS608PP2
7.
REVISION HISTORY
Release
Date
Changes
A1
April 2003
-Initial Advance Release.
A2
July 2003
-Modify serial port timing specs.
-Add Applications section on speed mode detect.
PP1
August 2004
-Change 2700 pF capacitors to 2200 pF in analog input buffer diagram.
-Update Output Sample Range table.
-Add new Applications section about capacitor on FILT+ pin.
-Correct Max MCLK period under “Switching Characteristics.”
-Replace MCLK low/high timing specifications with duty cycle specification.
-Redefine slave mode timing specifications under “Switching Characteristics.”
-Add requirement of SCLK/LRCK = 48x in Double and Quad Speed Modes.
-Increase minimum VL specification from 1.7 V to 2.38 V.
-Specify VA and VD at 5 V,
±5% for Quad-Speed Slave Mode.
-Reduce gain error specification under Analog Characteristics.
-Improve minimum and maximum specifications for full-scale input voltage.
-Initial Preliminary Release.
PP2
Aug 2004
Update to include lead-free device ordering information.
Table 5. Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com