Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5368 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 4Page - Cirrus Logic CS5368 Datasheet HTML 5Page - Cirrus Logic CS5368 Datasheet HTML 6Page - Cirrus Logic CS5368 Datasheet HTML 7Page - Cirrus Logic CS5368 Datasheet HTML 8Page - Cirrus Logic CS5368 Datasheet HTML 9Page - Cirrus Logic CS5368 Datasheet HTML 10Page - Cirrus Logic CS5368 Datasheet HTML 11Page - Cirrus Logic CS5368 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
10
DS624A1
CS5368
Pin Name
Pin #
Pin Description
AIN2+AIN2-
AIN4+AIN4-
AIN3+AIN3-
AIN7+AIN7-
AIN8+AIN8-
AIN6+AIN6-
AIN5+AIN5-
AIN1+AIN1-
1,2,
11,12
13,14
15,16
17,18
43,44
45,46
47,48
Differential Analog (Inputs) - Audio signals are presented differently to the delta
sigma modulators via the AIN+/- pins.
GND
3,8
10,19
29,32
Ground (Input) Ground reference. Must be connected to analog ground.
VA
4,9
Analog Power (Input) - Positive power supply for the analog section
VQ
7
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference
voltage.
VX
20
XTAL Power
VLS
28
Serial Audio Interface Power - Positive power for the serial audio interface.
VD
33
Digital Power (Input)- Positive power supply for the digital section/
VLC
35
Control Port Interface Power - Positive power for the control port interface.
REF_GND
5
Reference Ground (Input) - For the internal sampling circuits.
FILT+
6
Positive Voltage Reference (Output) - Reference voltage for internal sampling cir-
cuits.
XTIXTO
21
22
Crystal Oscillator Connections (Input/Output) - I/O pins for an external crystal which
may be used to generate MCLK.
MCLK
23
System Master Clock (Input/Output) - When a crystal is used, this pin acts as a buff-
ered MCLK Source (Output). When the oscillator function is not used, this pin acts as
an input for the system master clock. In this case, the XTI and XTO pins must be tied
low.
LRCK/FS
24
Serial Audio Channel Clock (Input/Output)
In I²S mode Serial Audio Channel Select. When high, the odd channels are selected.
In LJ mode Serial Audio Channel Select. When low, the odd channels are selected.
In TDM Mode a frame sync signal. When high, it marks the beginning of a new frame of
serial audio samples. In Slave Mode, this pin acts as an input pin.
SCLK
25
Main timing clock for the Serial Audio Interface(Input/Output). During Master Mode,
this pin acts as an output, and during Slave Mode it acts as an input pin.
SDOUT4/TDMC
26
Serial Audio Data (Output) Channels 7,8.
SDOUT2/TDMC
27
Serial Audio Data (Output) Channels 3,4.
SDOUT1/TDM
30
Serial Audio Data (Output) Channels 1,2.
SDOUT3/TDM
31
Serial Audio Data (Output) Channels 5,6.
OVFL
36
Overflow (Output, open drain) - Detects an overflow condition on both left and right
channels.
RST
41
Reset (Input) - The device enters a low power mode when low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com