Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5368 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 15Page - Cirrus Logic CS5368 Datasheet HTML 16Page - Cirrus Logic CS5368 Datasheet HTML 17Page - Cirrus Logic CS5368 Datasheet HTML 18Page - Cirrus Logic CS5368 Datasheet HTML 19Page - Cirrus Logic CS5368 Datasheet HTML 20Page - Cirrus Logic CS5368 Datasheet HTML 21Page - Cirrus Logic CS5368 Datasheet HTML 22Page - Cirrus Logic CS5368 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DS624A1
23
CS5368
3. TYPICAL CONNECTION DIAGRAM
Figure 6. Typical Connection Diagram
For analog buffer configurations, refer to Cirrus Application Note AN241. Also, a low cost single
ended to differential solution is provided on the Customer Evaluation Board.
FILT+
D
+
VA
V
+5V
5.1
Ω
1
µF
+
SDOUT2/ TDMC
DIF0/AD0/CS
Power Down
and Mode
Settings
0.01
µF
MODE0/SDA/CDOUT
MODE1/SCL/CCLK
REF_GND
VLC
µF
AIN
+
1
AIN
-
1
Channel 1 Analog
Input Buffer
AIN
+
2
AIN
-
2
Channel 2 Analog
Input Buffer
AIN
+
3
AIN
-
3
Channel 3 Analog
Input Buffer
AIN
+
4
AIN
-
4
Channel 4 Analog
Input Buffer
AIN
+
5
AIN
-
5
Channel 5 Analog
Input Buffer
AIN
+
6
AIN
-
6
Channel 6 Analog
Input Buffer
AIN
+
7
AIN
-
7
Channel 7 Analog
Input Buffer
AIN
+
8
AIN
-
8
Channel 8 Analog
Input Buffer
0.1
µF
VQ
GND
220
µF
0.1
µF
+
1
µF
GND
DIF1/AD1/CDIN
RST
OVFL
0.01
0.01
µF
0.01
µF
+5V to 3.3V
1
µF
+
A/D CONVERTER
CS5368
SDOUT1/ TDM
SDOUT3/ TDM
SDOUT4/ TDMC
SCLK
MCLK
Timing Logic
and Clock
Audio Data
Processor
MDIV
CLKMODE
39
40
36
37
38
41
42
34
30
27
31
26
24
25
23
LRCK/FS
+5V to 1.8V
6
5
7
8
47
48
1
2
13
14
11
12
45
46
43
44
15
16
17
18
3, 8, 10,
19, 29, 32
33
4, 9, 20
35
VLS
µF
0.01
28
XTI
XTO
21
22
*
* Resistor may only
be used if VD is
derived from VA. If
used, do not drive any
other logic from VD.
+5V to 1.8V
+5V
VX
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com