Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5510 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5510
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5510 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5510 Datasheet HTML 4Page - Cirrus Logic CS5510 Datasheet HTML 5Page - Cirrus Logic CS5510 Datasheet HTML 6Page - Cirrus Logic CS5510 Datasheet HTML 7Page - Cirrus Logic CS5510 Datasheet HTML 8Page - Cirrus Logic CS5510 Datasheet HTML 9Page - Cirrus Logic CS5510 Datasheet HTML 10Page - Cirrus Logic CS5510 Datasheet HTML 11Page - Cirrus Logic CS5510 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CS5510/11/12/13
8
DS337F3
SWITCHING CHARACTERISTICS - CS5511/13
(TA = 25° C; V+ = 5 V ±5%; V- = 0 V; Input Levels: Logic 0 = 0 V, Logic 1 = V+; CL = 50 pF)
Notes: 23. The internal oscillator in the CS5511/13 provides the master clock for performing conversions. Data is
retrieved from the serial port using the SCLK input pin.
24. The minimum SCLK rate for the CS5511/13 assumes that SCLK is logic 0 when idle. When data is being
read from the ADC, SCLK must be burst at a minimum rate of 10 kHz and with a minimum of a 10
percent duty cycle. Rates slower than this can potentially put the ADC into sleep as the sleep mode is
entered after SCLK is logic 1 for tSLP time.
25. On the CS5511/13, the serial clock (SCLK) is used to transfer data from the CS5511/13. If SCLK is held
high (logic 1) for tSLP or longer, the CS5511/13 enters sleep mode. To exit from sleep mode, SCLK must
be held low (logic 0) for tWAKE or longer.
26. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
Parameter
Symbol
Min
Typ
Max
Unit
Internal Oscillator Timing
Internal Oscillator Frequency
(Note 23)
fosc
32
64
100
kHz
Internal Oscillator Drift Over Temperature
-
-
-0.02
-
%/°C
Serial Port Timing
Serial Clock Frequency
(Note 24)
SCLK
-
-
2
MHz
SCLK High to Enter Sleep
(Notes 24 and 25)
tSLP
200
-
2000
µs
SCLK Low to Exit Sleep
(Notes 24 and 25)
tWAKE
10
-
-
µs
Rise Times
(Note 26)
CSB
SCLK
SDO
trise
-
-
-
-
-
50
1.0
10
-
µs
µs
ns
Fall Times
(Note 26)
CSB
SCLK
SDO
tfall
-
-
-
-
-
50
1.0
10
-
µs
µs
ns
Serial Clock
Pulse Width High
Pulse Width Low
t6
t7
200
200
-
-
-
-
ns
ns
SDO Read Timing
CS
to Data Valid
t8
--
150
ns
SCLK Falling to New Data Bit
t9
--
150
ns
CS
Rising to SDO Hi-Z
t10
--
150
ns
CS
Falling to SCLK Rising
t11
200
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com