Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5510 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5510
Description  16-bit and 20-bit, 8-pin Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5510 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5510 Datasheet HTML 1Page - Cirrus Logic CS5510 Datasheet HTML 2Page - Cirrus Logic CS5510 Datasheet HTML 3Page - Cirrus Logic CS5510 Datasheet HTML 4Page - Cirrus Logic CS5510 Datasheet HTML 5Page - Cirrus Logic CS5510 Datasheet HTML 6Page - Cirrus Logic CS5510 Datasheet HTML 7Page - Cirrus Logic CS5510 Datasheet HTML 8Page - Cirrus Logic CS5510 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
CS5510/11/12/13
4
DS337F3
1.
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS
(TA = 25° C; V+ = 5 V ±5%; V- = 0 V; VREF = 2.5 V (relative to V-);
CS5510/12, SCLK = 32.768 kHz; CS5511/13, fosc = 64 kHz ±32 kHz; OWR (Output Word Rate) = 53.5 Sps for
CS5510/12; OWR = 107 Sps ± 50% for CS5511/13)
(See Note 1.)
Notes: 1. Specifications guaranteed by design, characterization, and/or test.
2. Specification applies to the device only and does not include any effects by external parasitic
thermocouples.
3. Drift over specified temperature range after power-up at 25
° C.
4. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25° C.
5. For peak-to-peak noise multiply by 6.6.
6. See the section of the data sheet which discusses Analog Input Models.
7. For CS5511/13, OWR = 107 Sps ± 50%.
Specifications are subject to change without notice.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error (CS5510/11)
-
±0.0015
±0.003
% FS
Linearity Error (CS5512/13)
-
±0.0007
±0.0015
% FS
No Missing Codes (CS5510/11)
16
-
-
Bits
No Missing Codes (CS5512/13)
20
-
-
Bits
Bipolar Offset (CS5510/11)
(Note 2)
-
±3
±7
LSB16
Bipolar Offset (CS5512/13)
(Note 2)
-
±40
±100
LSB20
Offset Drift Over Temperature
(Notes 2 and 3)
-
60
-
nV/°C
Gain Drift Over Temperature
(Note 3)
-
1
-
ppm/°C
Analog Input
Common Mode + Signal on AIN+ or AIN-
Dual Supply
V-
-
V+
V
Input Range (Bipolar)
|(AIN+ - AIN-)/(VREF - V-)|
72
80
88
% VREF
Common Mode Rejection
dc
50, 60Hz (CS5510/12)
-
-
120
120
-
-
dB
dB
Input Capacitance
-
12
-
pF
CVF Current
AIN+, AIN-
(Note 6)
-
10
-
nA
Typical Noise (Notes 4, 5 and 7)
Output Word Rate (Hz)
-3 dB Filter Frequency (Hz)
Noise (µV RMS)
53.5
12.5
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com