Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42426 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 17Page - Cirrus Logic CS42426 Datasheet HTML 18Page - Cirrus Logic CS42426 Datasheet HTML 19Page - Cirrus Logic CS42426 Datasheet HTML 20Page - Cirrus Logic CS42426 Datasheet HTML 21Page - Cirrus Logic CS42426 Datasheet HTML 22Page - Cirrus Logic CS42426 Datasheet HTML 23Page - Cirrus Logic CS42426 Datasheet HTML 24Page - Cirrus Logic CS42426 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
21
CS42426
3.5.3
ADCIN1/ADCIN2 Serial Data Format
The two serial data lines which interface to the optional external ADCs, ADCIN1 and ADCIN2, support
only left-justified, 24-bit samples at 64Fs or 128Fs. This interface is not affected by any of the serial port
configuration register bit settings. These serial data lines are used when supporting One Line Mode of op-
eration with external ADCs attached. If these signals are not being used, they should be tied together and
wired to GND via a pull-down resistor.
For proper operation, the CS42426 must be configured to select which SCLK/LRCK is being used to clock
the external ADCs. The EXT ADC SCLK bit in register “Misc Control (address 05h)” on page 36, must
be set accordingly. Set this bit to ‘1’ if the external ADCs are wired using the DAC_SP clocks. If the ADCs
are wired to use the ADC_SP clocks, set this bit to ‘0’.
DA C_LRCK
A DC_LRCK
DA C_S CLK
A DC_S CLK
Left Chann el
R igh t Chan nel
A DCIN1/2
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 + 4
-1 -2 -3 -4
MSB
LS B
MSB
L SB
Figure 12. ADCIN1/ADCIN2 Serial Audio Format
Left Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
24
64, 128 Fs
single-speed mode, Fs= 32, 44.1, 48 kHz
64 Fs
double-speed mode, Fs= 64, 88.2, 96 kHz
not supported
quad-speed mode, Fs= 176.4, 192 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com